Electronic Components Datasheet Search
  English  ▼

X  

PCFFS05120AF Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCFFS05120AF
Description  Silicon Carbide Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCFFS05120AF Datasheet(HTML) 2 Page - ON Semiconductor

  PCFFS05120AF Datasheet HTML 1Page - ON Semiconductor PCFFS05120AF Datasheet HTML 2Page - ON Semiconductor PCFFS05120AF Datasheet HTML 3Page - ON Semiconductor PCFFS05120AF Datasheet HTML 4Page - ON Semiconductor PCFFS05120AF Datasheet HTML 5Page - ON Semiconductor PCFFS05120AF Datasheet HTML 6Page - ON Semiconductor PCFFS05120AF Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Components Industries, LLC, 2016
Publication Order Number:
December 2016 Rev. 1.0
PCFFS05120AF
1
www.onsemi.com
Electrical Characteristics on Wafer (Note 2)T
C = 25
oC unless otherwise noted
Notes:
1. Based on TO-247 package of ON Semiconductor
2. Tested 100% on wafer
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VR
Reverse Blocking Voltage
IR = 200 A, TC = 25 oC
1200
-
-
V
VF
Forward Voltage
IF = 5A, TC = 25 oC
1.20
-
1.75
V
IR
Reverse Current
VR = 1200 V, TC = 25 oC
-
-
200
A
PCFFS05120AF
Silicon Carbide Schottky Diode
1200 V, 5 A
Features
• Max Junction Temperature 175 oC
• Avalanche Rated 55 mJ
• High Surge Current Capacity
• Positive Temperature Coefficient
• Ease of Paralleling
• No Reverse Recovery / No Forward Recovery
Applications
• General Purpose
• SMPS, Solar Inverter, UPS
• Power Switching Circuits
Description
Silicon Carbide (SiC) Schottky Diodes use a completely new
technology that provides superior switching performance and
higher reliability compared to Silicon. No reverse recovery cur-
rent, temperature dependent switching characteristics, and
excellent thermal performance sets Silicon Carbide as the next
generation of power semiconductor. System benefits include
highest efficiency, faster operation frequency, increased power
density, reduced EMI, and reduced system size and cost.
Die Information
• Wafer Diameter
6 inch
• Die Size
1,690 x 1,690
m (include Scribe Lane)
• Metallization
· Top
Ti / TiN / AI 4
m
· Back
Ti/ NiV /Ag
• Die Thickness
Typ. 200
m
• Bonding Pad Size
· Anode
1,110
 1,110 m
• Recommended Wire Bond (Note 1)
· Anode
12mil
 1
Anode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com