Electronic Components Datasheet Search
  English  ▼

X  

PCFFS15120AF Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCFFS15120AF
Description  Silicon Carbide Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCFFS15120AF Datasheet(HTML) 2 Page - ON Semiconductor

  PCFFS15120AF Datasheet HTML 1Page - ON Semiconductor PCFFS15120AF Datasheet HTML 2Page - ON Semiconductor PCFFS15120AF Datasheet HTML 3Page - ON Semiconductor PCFFS15120AF Datasheet HTML 4Page - ON Semiconductor PCFFS15120AF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
September 2016
©2016 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
PCFFS15120AF Rev.1.0
Electrical Characteristics on Wafer T
C = 25
oC unless otherwise noted
Notes:
1. Based on TO-247 package of Fairchild
2. Tested 100% on wafer
3. -F: sawn-on-film frame packing based on wafer tested
For Additional Product Information and Electrical Characteristics on Package
Refer to the FFSH30120ADN_F155 product datasheet
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VR
Reverse Blocking Voltage
IR = 200 A, TC = 25 oC
1230
-
-
V
VF
Forward Voltage
IF = 15 A, TC = 25 oC
1.22
-
1.723
V
IR
Reverse Current
VR = 1230 V, TC = 25 oC
-
-
200
A
PCFFS15120AF
Silicon Carbide Schottky Diode
1200 V, 15 A
Features
• Max Junction Temperature 175 oC
• Avalanche Rated 145 mJ
• High Surge Current Capacity
• Positive Temperature Coefficient
• Ease of Paralleling
• No Reverse Recovery / No Forward Recovery
Applications
• General Purpose
• SMPS, Solar Inverter, UPS
• Power Switching Circuits
Description
SiC Schottky Diode has no switching loss, provides improved
system efficiency against Si diodes by utilizing new semicon-
ductor material - Silicon Carbide, enables higher operating fre-
quency, and helps increasing power density and reduction of
system size/cost. Its high reliability ensures robust operation
during surge or over-voltage conditions
Die Information
• Wafer Diameter
6 inch
• Die Size
2,730 x 2,730
m (include S/L)
• Metallization
· Top
Ti / TiN / AI 4
m
· Back
Ti/ NiV /Ag
• Die Thickness
Typ. 200
m
• Bonding Pad Size
· Anode
2150
 2150 m
• Recommended Wire Bond (Note 1)
· Anode
15mil
 2
Anode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com