Electronic Components Datasheet Search
  English  ▼

X  

IR1175 Datasheet(PDF) 2 Page - International Rectifier

Part # IR1175
Description  Synchronous Rectifier Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1175 Datasheet(HTML) 2 Page - International Rectifier

  IR1175 Datasheet HTML 1Page - International Rectifier IR1175 Datasheet HTML 2Page - International Rectifier IR1175 Datasheet HTML 3Page - International Rectifier IR1175 Datasheet HTML 4Page - International Rectifier IR1175 Datasheet HTML 5Page - International Rectifier IR1175 Datasheet HTML 6Page - International Rectifier IR1175 Datasheet HTML 7Page - International Rectifier IR1175 Datasheet HTML 8Page - International Rectifier IR1175 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
IR1175
ADVANCE INFORMATION
www.irf.com
Symbol
Definition
Min.
Max.
Units
Vdd
Supply voltage
—
7
VDC
Iin
Input clamp current
—
+/- 10
mADC
PD
Power dissipation (SSOP-20)
—
400
mW
RthJC
Thermal resistance (SSOP-20) junction-to-case
—
28.5
°C/W
RthJA
Thermal resistance (SSOP-20) junction-to-ambient
—
90.5
°C/W
TJ
Junction temperature
—
150
°C
TS
Storage temperature
-55
150
°C
TL
Lead temperature (soldering, 10 seconds)
—
300
°C
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur.
Symbol
Definition
Min.
Typ.
Max.
Units
Vdd
Supply voltage operating range
—
5
—
VDC
TA
Ambient temperature
-40
—85
°C
Freq
Operating frequency
250
—
500
KHz
Rbias
Required bias resistor (+/- 1%)
—
69.8
—
KW
UV
Voltage at UVSET pin
1.75
—
2.25
VDC
Xin
Maximum voltage at X1 and X2 inputs
—
—
5.6
VDC
Cd1/Cd2
Capacitance at pins DTIN1 and DTIN2
—
—
22
pF
Cf
Loop filter bypass capacitor
470
—
—
KW
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com