Electronic Components Datasheet Search
  English  ▼

X  

PE35785 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE35785
Description  N Male to TNC Male Cable Using PE-C195 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35785 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE35785 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35785 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35785 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35785 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Cable
Cable Type
PE-C195
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper
Dielectric Type
PE (F)
Number of Shields
2
Shield Layer 1
Aluminum Tape
Shield Layer 2
Tinned Copper Braid
Jacket Material
PE, Black
Jacket Diameter
0.195 in [4.95 mm]
.
One Time Minimum Bend Radius
0.5 in [12.7 mm]
Repeated Minimum Bend Radius
2 in [50.8 mm]
Connectors
Description
Connector 1
Connector 2
Type
N Male
TNC Male
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Silver
Brass, Gold
Contact Plating Specification
30µ in. minimum
Dielectric Type
Teflon
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE35785 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to TNC Male Cable Using PE-C195 Coax PE35785
RF Cable Assemblies Technical Data Sheet
PE35785
N Male to TNC Male Cable Using PE-C195 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com