Electronic Components Datasheet Search
  English  ▼

X  

AR608LT Datasheet(PDF) 1 Page - Power Semiconductors

Part # AR608LT
Description  RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR608LT Datasheet(HTML) 1 Page - Power Semiconductors

  AR608LT Datasheet HTML 1Page - Power Semiconductors AR608LT Datasheet HTML 2Page - Power Semiconductors AR608LT Datasheet HTML 3Page - Power Semiconductors AR608LT Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTIFIER DIODE
AR608LT
Repetitive voltage up to
400 V
Mean forward current
14219 A
Surge current
80 kA
FINAL SPECIFICATION
May 17 - Issue: 5
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
175
400
V
V RSM
Non-repetitive peak reverse voltage
175
500
V
I RRM
Repetitive peak reverse current
V=VRRM
175
75
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin, 50 Hz, Th=55°C, double side cooled
14219
A
I F (AV)
Mean forward current
180° sin, 50 Hz, Tc=85°C, double side cooled
24079
A
I FSM
Surge forward current
Sine wave, 10 ms
175
80
kA
I² t
I² t
without reverse voltage
32000 x 10
3
A²s
V FM
Forward voltage
Forward current =
5000 A
25
1,00
V
V F(TO)
Threshold voltage
175
0,74
V
r F
Forward slope resistance
175
0,019
mohm
SWITCHING
t rr
Reverse recovery time
µs
Q rr
Reverse recovery charge
175
µC
I rr
Peak reverse recovery current
A
MOUNTING
R th(j-c)
Thermal impedance, DC
Junction to case, double side cooled
6,0
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
4,0
°C/kW
T j
Operating junction temperature
-30 / 175
°C
F
Mounting force
25.0 / 30.0
kN
Mass
205
g
ORDERING INFORMATION : AR608LT S 04
standard specification
VRRM/100
POSEICO SPA
Via Pillea 42-44, 16153 Genova - ITALY
Tel. + 39 010 8599400 - Fax + 39 010 8682006
Sales Office:
Tel. + 39 010 8599400 - sales@poseico.com


Similar Part No. - AR608LT

ManufacturerPart #DatasheetDescription
logo
SICK AG
AR60 SICK-AR60 Datasheet
582Kb / 10P
SAFETY LIGHT CURTAINS
2024-03-22 16:46:17
AR60 SICK-AR60 Datasheet
559Kb / 9P
SAFETY LIGHT CURTAINS
2024-03-01 06:41:22
logo
FLEXTRAL
AR60 FLEXTRAL-AR60 Datasheet
335Kb / 1P
Wire Reinforced Air
V04.21
AR60-050 FLEXTRAL-AR60-050 Datasheet
335Kb / 1P
Wire Reinforced Air
V04.21
AR60-075 FLEXTRAL-AR60-075 Datasheet
335Kb / 1P
Wire Reinforced Air
V04.21
More results

Similar Description - AR608LT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com