Electronic Components Datasheet Search
  English  ▼

X  

AR771LT Datasheet(PDF) 2 Page - Power Semiconductors

Part # AR771LT
Description  RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR771LT Datasheet(HTML) 2 Page - Power Semiconductors

  AR771LT Datasheet HTML 1Page - Power Semiconductors AR771LT Datasheet HTML 2Page - Power Semiconductors AR771LT Datasheet HTML 3Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AR771LT RECTIFIER DIODE
FINAL SPECIFICATION
mar 17 - ISSUE : 4
SWITCHING CHARACTERISTICS
5200
5800
6400
7000
7600
8200
8800
9400
10000
10600
11200
11800
12400
0
10
20
30
40
50
60
70
80
90
Q
RR [µC]
di/dt [A/
ms]
REVERSE RECOVERY CHARGE
(MAXIMUM VALUE)
Tj = 125°C
I
F = 1600A; IF = 3000A
0
100
200
300
400
500
600
700
800
900
1000
0
10
20
30
40
50
60
70
80
90
I
RR [A]
di/dt [A/
ms]
REVERSE RECOVERY CURRENT
(MAXIMUM VALUE)
Tj = 125°C
I
F = 1600A; IF = 3000A
ta =
IRR
di
dt
tb = tRR − ta
S =
tb
ta
EOFF = VR ∗ QRR − IRR ∗
ta
2
QRR = IRR ∗
tRR
2
3800
4200
4600
5000
5400
5800
6200
6600
7000
7400
7800
8200
8600
9000
0
10
20
30
40
50
60
70
80
90
Q
RR [µC]
di/dt [A/
ms]
REVERSE RECOVERY CHARGE
(MINIMUM VALUE)
Tj = 125°C
I
F = 1600A; IF = 3000A
0
100
200
300
400
500
600
700
800
0
10
20
30
40
50
60
70
80
90
I
RR [A]
di/dt [A/
ms]
REVERSE RECOVERY CURRENT
(MINIMUM VALUE)
Tj = 125°C
I
F = 1600A; IF = 3000A
3000A
3000A
3000A
3000A
1600A
1600A
1600A
1600A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com