Electronic Components Datasheet Search
  English  ▼

X  

OM1850 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM1850
Description  3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM1850 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM1850 Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1850 Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1850 Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1850 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.3 - 80
3.3
OM1850STM OM1850NMM OM1850NKM
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
V
IN - VOUT  = 3.0 V, TA = 25° C
1.238
1.262
V
IOUT = 10 mA
1.5 V
≤V
IN - VOUT ≤ 25 V,
•
1.220
1.270
V
10 mA
≤ I
OUT ≤ 2.0 A
Line Regulation
∆V
OUT
1.5 V
≤V
IN - VOUT ≤ 15 V,
0.2
%
(Note 1)
∆V
IN
IOUT = 10 mA, TA = 25° C
15 V
≤V
IN - VOUT ≤ 35 V,
•
0.5
%
IOUT = 10 mA
Load Regulation
∆V
OUT
V
IN - VOUT  = 3.0 V, TA = 25° C
0.8
%
(Note 1)
∆I
OUT
10 mA
≤ I
OUT ≤ 2.0 A
•
1.0
%
Dropout Voltage
VDO
IOUT = 2.0 A, ∆VREF = 1%
•
1.5
V
Thermal Regulation
-
30 ms pulse, TA = +25° C
0.02
%/W
Ripple Rejection
∆V
IN
f = 120 Hz, CAdj = 25 µF,
•
60
dB
∆V
OUT
COUT = 25 µF (tantalum), IOUT = 2.0 A,
V
IN - VOUT  = 3.0 V
Adjust Pin Current
IAdj
1.5 V
≤V
IN - VOUT ≤ 25 V,
•
120
µA
10 mA
≤ I
OUT ≤ 2.0 A
Adjust Pin Current Change
∆I
Adj
1.5 V
≤V
IN - VOUT ≤ 25 V,
•
5.0
µA
10 mA
≤ I
OUT ≤ 2.0 A
Miminum Load Current
IMin
V
IN - VOUT  = 24 V
•
10
mA
Current Limit
ILim
V
IN - VOUT ≤ 5.0 V
•
3.2
A
V
IN - VOUT  = 25 V
•
0.2
A
Temperature Stability
∆V
OUT
-55° C
≤ T
J ≤ +125° C
•
1.5
%
(Note 2)
∆T
Long Term Stability
∆V
OUT
TA = +125° C, t = 1000 hrs
1.0
%
(Note 2)
∆T
Notes:
1. Line and Load Regulation are measured at a constant junction temperature using a low duty cycle pulse technique.
Although power dissipation is internally limited, regulation is guaranteed up to the maximum power dissipation of 30 W.
Power dissipation is determined by the input/output differential voltage and the output current. Guaranteed maximum
power dissipation will not be available over the full input/output voltage range.
2. Guaranteed by design, characterization or correlation to other tested parameters.
3. The • denotes the specifications which apply over the full operating temperature range.
Part Number Designator
SMD #
Omnirel
Package
5962-8864601U
OM1850STM
TO-257 (Isolated)
5962-8864601N
OM1850NMM
SMD-1 (Non-Isolated)
5962-8864601X
OM1850NKM
TO-3
Part Numbering System
Voltage Regulators
OM-1850-S-T-M
Company
Identification
Part
Number
S= Isolated
N= Non isolated
Package
(see Package codes*)
Screening
M= MIL-M 38535
* Package Codes:
K= TO-204AA (TO-3)
M= SMD-1
T= TO-257AA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com