Electronic Components Datasheet Search
  English  ▼

X  

OM7635SM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM7635SM
Description  SURFACE MOUNT POSITIVE ADJUSTABLE 1.0 AMP VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7635SM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM7635SM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7635SM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM7635SM
3.5
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C, IL = 8mA (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
VDIFF = 3.0V, TA = 25°C
1.20
1.30
VDIFF = 3.3V
•
1.20
1.30
V
VDIFF = 40V
•
1.20
1.30
Line Regulation
RLINE
3.0V ≤ VDIFF ≤ 40V, Vout = Vref, TA = 25°C
-9
9
mV
(Note 1)
3.3V ≤ VDIFF ≤ 40V, Vout = Vref
•
-23
23
Load Regulation
RLOAD
VDIFF = 3.0V, 10mA ≤ IL ≤ 1.5A, TA = 25°C
-15
15
(Note 1)
VDIFF = 3.3V, 10mA ≤ IL ≤ 1.5A
•
-15
15
mV
VDIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C
-15
15
VDIFF = 40V, 10mA ≤ IL ≤ 195mA
•
-15
15
Thermal Regulation
VRTH
Vin = 14.6V, IL = 1.5A
-16
16
mV
Pd = 20 Watts, t = 20 ms, TA =25°C
Ripple Rejection
RN
f = 120 Hz, Vout = Vref
•
66
dB
(Note 2)
CAdj = 10 µF, Iout = 100 mA
Adjustment Pin Current
IAdj
VDIFF = 3.0V, TA = 25°C
100
VDIFF = 3.3V
•
100
µA
VDIFF = 40V
•
100
Adjustment Pin
∆IAdj
VDIFF = 3.0V, 10mA ≤ IL ≤ 1.5A, TA = 25°C
-5
5
Current Change
VDIFF = 3.3V, 10mA ≤ IL ≤ 1.5A
•
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C
•
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 195mA
•
-5
5
µA
3.0V ≤ VDIFF ≤ 40V, TA = 25°C
-5
5
3.3V ≤ VDIFF ≤ 40V
•
-5
5
Miminum Load Current
ILmin
VDIFF = 3.0V, VOUT = 1.4V (forced)
5.0
VDIFF = 3.3V, VOUT = 1.4V (forced)
•
5.0
mA
VDIFF = 40V, VOUT = 1.4V (forced)
•
5.0
Current Limit
ICL
VDIFF = 15V
•
1.5
3.5
(Note 2)
VDIFF = 40V, TA = 25°C
0.18
1.5
A
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. If not tested, shall be guaranteed to the specified limits.
3. The
• denotes the specifications which apply over the full operating temperature range.
PIN CONNECTION
MECHANICAL OUTLINE
.425
.200
.100
.350 MIN.
.080
.160
.020
± .020
.035 WIDE
FLAT 3 PLCS.
.115
.425
Pin 1: VOUT
Pin 2: Adjust
Pin 3: VIN
Case: Isolated
2
3
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com