Electronic Components Datasheet Search
  English  ▼

X  

NTE2004 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2004
Description  Integrated Circuit Dolby Noise Reduction Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2004 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2004 Datasheet HTML 1Page - NTE Electronics NTE2004 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VCC = 12V, f = 20Hz to 20kHz. All levels
referenced to 580mVrms(0dB) unless otherwised specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Record Mode Frequency Response
f = 1.4kHz 0dB
–1.5
0
+1.5
dB
(At Pin7) Referenced to Encode
Monitor Point (Pin3)
–20dB
–17.1 –15.6 –14.1
dB
Monitor Point (Pin3)
–30dB
–24.0 –22.5 –21.0
dB
f = 5kHz
0dB
–1.2
+0.3
+1.8
dB
–20dB
–18.3 –16.8 –15.3
dB
–30dB
–23.3 –21.8 –20.3
dB
–40dB
–30.2 –29.7 –28.2
dB
Back–to–Back Frequency Response
Using Typical Record Mode Frequency
Response Test Points
–1.5
0
+1.5
dB
Input Resistance
Pin5
35
50
65
k
Ω
Pin2
3.1
4.2
5.3
k
Ω
Output Resistance
Pin6
1.9
2.4
3.1
k
Ω
Pin3
–
80
120
k
Ω
Pin7
–
80
120
k
Ω
Back–to–Back Frequency Response Shift
Versus Temperature
0
° to +70°C
–
±0.4
–
dB
Versus Supply Voltage
8V to 20V
–
±0.4
–
dB
S Output
VCC
Pin Connection Diagram
.700 (17.78)
.100 (2.54)
18
16
9
.200 (5.08)
Max
.870 (22.0) Max
.260 (6.6)
Max
.099 (2.5) Min
G Output
Reference
D Filter
GND
1
2
3
4
C Input
B Input
B Output
5
A Input
6
A Output
7
8
16
15
14
13
F Control
12 D Input
11 C Output
10
9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com