Electronic Components Datasheet Search
  English  ▼

X  

16541T Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # 16541T
Description  Fast CMOS 16-Bit Octal Buffer/Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

16541T Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  16541T Datasheet HTML 1Page - Pericom Semiconductor Corporation 16541T Datasheet HTML 2Page - Pericom Semiconductor Corporation 16541T Datasheet HTML 3Page - Pericom Semiconductor Corporation 16541T Datasheet HTML 4Page - Pericom Semiconductor Corporation 16541T Datasheet HTML 5Page - Pericom Semiconductor Corporation 16541T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PI74FCT16541/162541/162H541T
16-BIT BUFFER/LINE DRIVERS
229
PS2037A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT16541T
PI74FCT162541T
PI74FCT162H541T
Fast CMOS 16-Bit Octal
Buffer/Line Drivers
Product Description
Pericom Semiconductor’s PI74FCT series of logic circuits are pro-
ducedintheCompany’sadvanced 0.6/0.8 micron CMOStechnology,
achieving industry leading speed grades.
The PI74FCT16541T, PI74FCT162541T, and PI74FCT162H541T
are non-inverting 16-bit buffer/line drivers designed for applications
driving high capacitance loads and low impedance backplanes.
These high-speed, low-power devices offer bus/backplane interface
capability and a flow-through organization for ease of board layout.
They are designed with three-state controls to operate in a Dual-
Byte, or a single 16-bit word mode.
The PI74FCT16541T output buffers are designed with a Power-
Off disable allowing “live insertion” of boards when used as
backplane drivers.
The PI74FCT162541T has ±24 mA balanced output drivers. It is
designed with current limiting resistors at its outputs to control the
output edge rate resulting in lower ground bounce and undershoot.
This eliminates the need for external terminating resistors for most
interface applications.
The PI74FCT162H541T has “Bus Hold” which retains the input’s
last state whenever the input goes to high-impedance preventing
“floating” inputs and eliminating the need for pull-up/down resistors.
Product Features
Common Features
• PI74FCT16541T, PI74FCT162541T, and
PI74FCT162H541T are high-speed,
low power devices with high current drive
•VCC = 5V ±10%
• Hysteresis on all inputs
• Packages available
– 48-pin 240 mil wide plastic TSSOP (A48)
– 48-pin 300 mil wide plastic SSOP (V48)
PI74FCT16541T Features
• High output drive: IOH = –32 mA; IOL = 64 mA
• Power off disable outputs permit “live insertion”
• Typical VOLP (Output Ground Bounce) < 1.0V
at VCC = 5V, TA = 25°C
PI74FCT162541T Features
• Balanced output drivers: ±24 mA
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V
at VCC = 5V, TA = 25°C
PI74FCT162H541T Features
• Bus Hold retains last active bus state during 3-state
• Eliminates the need for external pull-up resistors
1
OEA
1
A0
1
Y0
1
OEB
1
A1
1
Y1
1
A2
1
Y2
1
A3
1
Y3
1
A4
1
Y4
1
A5
1
Y5
1
A6
1
Y6
1
A7
1
Y7
2
OEA
2
A0
2
Y0
2
OEB
2
A1
2
Y1
2
A2
2
Y2
2
A3
2
Y3
2
A4
2
Y4
2
A5
2
Y5
2
A6
2
Y6
2
A7
2
Y7


Similar Part No. - 16541T

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
16541 COOPER-16541 Datasheet
197Kb / 3P
Power Distribution & Terminal Blocks
logo
Extreme Networks.
16541 EXTREMENETWORKS-16541 Datasheet
248Kb / 15P
Scalable Cost-Effective Campus Edge Switch
28jul23
logo
PHOENIX CONTACT
1654141 PHOENIX-1654141 Datasheet
85Kb / 5P
Patch cable - VS-06-2X2X26C7/7-67/SD/ 0,5
3/3/14
More results

Similar Description - 16541T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT16240T PERICOM-PI74FCT16240T Datasheet
64Kb / 6P
Fast CMOS 16-Bit Buffer /Line Drivers
PI74FCT162244T PERICOM-PI74FCT162244T Datasheet
55Kb / 6P
Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT162244MT PERICOM-PI74FCT162244MT Datasheet
71Kb / 8P
Fast CMOS 16-Bit Heavy Buffer/Line Drivers
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
Fast CMOS Octal Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com