Electronic Components Datasheet Search
  English  ▼

X  

RMM2080 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RMM2080
Description  2-18 GHz Wideband Variable-Gain Driver Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMM2080 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RMM2080 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMM2080 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMM2080 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMM2080 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Raytheon RF Components
362 Lowell Street
Andover, MA 01810
Revised January 25, 2002
Page 1
Characteristic performance data and specifications are subject to change without notice.
PRODUCT INFORMATION
www.raytheonrf.com
The Raytheon RMM2080 GaAs MMIC device is a three-stage distributed medium-power amplifier with gain control
capability. The circuit incorporates ion-implanted, 0.5-
µm gate MESFET devices fabricated on a semi-insulating
GaAs substrate. The first two stages are 4-cell distributed amplifiers utilizing dual-gate FETs for improved gain per
stage and to facilitate gain control (4x125µm & 4x250µm). The third stage is a 3-cell distributed dual-gate FET
amplifier designed for high output power and efficiency (3x500µm). The RMM2080 amplifier is designed for
interconnection with microstrip transmission media using fully automatic assembly techniques.
2-18 GHz Bandwidth
24 dB Typical Gain
±2 dB Gain Flatness
20 dBm Output Power Typical
Three Stages of Distributed Amplification
Gain Control of up to 70 dB range
Dual-Gate Ion-Implanted 0.5
µm FETs
Chip Size: 4.14mm x 3.22mm x 0.1mm
Features
Absolute
Maximum
Ratings
Description
Notes:
1. Typical range of the negative gate voltage is -0.9 to 0.0V to set typical Idq of 300 mA.
2. GC1 and GC2 of +1.5V and VG23=open corresponds to maximum gain and power.
RMM2080
2-18 GHz Wideband Variable-Gain
Driver Amplifier
Electrical
Characteristics
(At 25°C)
50
Ω system,
Vd=+7 V,
Quiescent current (Idq)
=300 mA
GC1, GC2= +1.5 V
Parameter
Min
Typ
Max
Unit
Frequency Range
2
-
18
GHz
Gate Supply Voltage (Vg)1
-0.7
Volts
RF Output Power @ -1 dBc
20
dBm
Small Signal Gain
18
24
dB
Gain Flatness vs. Freq.
± 2
dB
Input/Output Return Loss
7
dB
Parameter
Min
Typ
Max
Unit
Gain Control Range
70
dB
Gain Control Voltage,
-5
+1.5
Volts
GC1&22
Parameter
Symbol
Value
Unit
Positive Drain DC Voltage (+7V typ)
Vd
+8
V
Negative DC Voltage
Vg
-2
V
Simultaneous (Vd-Vg)
Vgd
10
V
Positive DC Current
Id
400
mA
RF Input Power (from 50
Ω source)
P
IN(CW)
+8
dBm
Operating Baseplate Temperature
T
case
-30 to 85
°C
Storage Temperature Range
T
storage
-55 to 125
°C
Thermal Resistance
R
jc
22
°C/W
(channel to backside)


Similar Part No. - RMM2080

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
2-18 GHz Wideband Variable-Gain Driver Amplifier
More results

Similar Description - RMM2080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
Wideband variable gain amplifier
1997 Nov 07
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
Wideband Variable-Gain Amplifier, Gain of 2
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
logo
TriQuint Semiconductor
TGA8399C TRIQUINT-TGA8399C_15 Datasheet
337Kb / 7P
8 - 18 GHz Wideband Driver Amplifier
QPA1008 TRIQUINT-QPA1008 Datasheet
1Mb / 19P
2.7 ??3.8 GHz Variable Gain Driver Amplifier
logo
Qorvo, Inc
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com