Electronic Components Datasheet Search
  English  ▼

X  

PE3385 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3385
Description  SMA Male to SMA Male Cable Using RG142 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3385 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3385 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3385 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3385 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3385 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.195 in [4.95 mm]
.
Repeated Minimum Bend Radius
1 in [25.4 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
50 µin minimum
50 µin minimum
Dielectric Type
PTFE
PTFE
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100 µin minimum
100 µin minimum
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100 µin minimum
100 µin minimum
Hex Size
5/16 inch
5/16 inch
Torque
3 in-lbs [0.34 Nm]
3 in-lbs [0.34 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3385 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable Using RG142 Coax PE3385
RF Cable Assemblies Technical Data Sheet
PE3385
SMA Male to SMA Male Cable Using RG142 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com