Electronic Components Datasheet Search
  English  ▼

X  

SB2H90 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SB2H90
Description  High Voltage Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB2H90 Datasheet(HTML) 2 Page - Vishay Siliconix

  SB2H90 Datasheet HTML 1Page - Vishay Siliconix SB2H90 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
0
3.0
4.0
050
25
75
100
125
150
175
Ambient Temperature (
°C)
2.0
1.0
Fig. 1 – Forward Current
Derating Curve
200
0.2
0
0.4
0.8
1.0
Fig. 2 – Typical Instantaneous
Forward Characteristics
20
60
40
100
80
Fig. 3 – Typical Reverse
Characteristics
Percent of Rated Peak Reverse Voltage (%)
0.01
0.1
10
1
TJ = 25
°C
Reverse Voltage (V)
0.1
1
10
100
100
1000
10
0.1
0.01
1
10000
100
TJ = 100
°C
Fig. 4 – Typical Junction Capacitance
TJ = 25
°C
TJ = 125
°C
Instantaneous Forward Voltage (V)
1.2
TJ = 150
°C
0.6
1.4
100
TJ = 175
°C
TJ = 100
°C
TJ = 125
°C
10
1000
TJ = 150
°C
10000
0.01
110
100
10
100
0.1
1
t — Pulse Duration (sec.)
Fig. 5 - Typical Transient
Thermal Impedance
SB2H90 and SB2H100
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88718
2
25-Jun-02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com