Electronic Components Datasheet Search
  English  ▼

X  

NTE2012 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2012
Description  Integrated Circuit 7-Channel Darlington Array/Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2012 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2012 Datasheet HTML 1Page - NTE Electronics NTE2012 Datasheet HTML 2Page - NTE Electronics NTE2012 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25° unless otherwise specified)
Parameter
Symbol
Device
Test Conditions
Min
Typ
Max
Unit
Output Leakage Current
ICEX
All
VCE = 50V, TA = +25°C
–
–
50
µA
VCE = 50V, TA = +70°C
–
–
100
µA
NTE2012 VCE = 50V, TA = +70°C, VIN = 6V
–
–
500
µA
NTE2014 VCE = 50V, TA = +70°C, VIN = 1V
–
–
500
µA
Collector–Emitter
VCE(sat)
NTE2011 IC = 100mA, IB = 250µA
–
0.9
1.1
V
Saturation Voltage
NTE2013
NTE2014
IC = 200mA, IB = 350µA
–
1.1
1.3
V
NTE2014
IC = 350mA, IB = 500µA
–
1.3
1.6
V
NTE2012 IC = 200mA, IB = 350µA
–
1.1
1.3
V
NTE2015
IC = 350mA, IB = 500µA
–
1.3
1.6
V
IC = 500mA, IB = 600µA
–
1.7
1.9
V
Input Current
IIN(ON)
NTE2012 VIN = 17V
–
0.82
1.25
mA
NTE2013 VIN = 3.85V
–
0.93
1.35
mA
NTE2014 VIN = 5V
–
0.35
0.50
mA
VIN = 12V
–
1.0
1.45
mA
NTE2015 VIN = 3V
–
1.5
2.4
mA
IIN(OFF)
All
IC = 500µA, TA = +70°C
50
60
–
µA
Input Voltage
VIN(ON)
NTE2012 VCE = 2V, IC = 500mA
–
–
17
V
NTE2013 VCE = 2V, IC = 200mA
–
–
2.4
V
VCE = 2V, IC = 250mA
–
–
2.7
V
VCE = 2V, IC = 300mA
–
–
3.0
V
NTE2014 VCE = 2V, IC = 125mA
–
–
5.0
V
VCE = 2V, IC = 200mA
–
–
6.0
V
VCE = 2V, IC = 275mA
–
–
7.0
V
VCE = 2V, IC = 350mA
–
–
8.0
V
NTE2015 VCE = 2V, IC = 350mA
–
–
2.6
V
DC Forward Current
Transfer Ratio
hFE
NTE2011 VCE = 2V, IC = 350mA
1000
–
–
Input Capacitance
CIN
All
–
15
25
pF
Turn–On Delay
tPLH
All
0.5 Ein to 0.5 Eout
–
0.25
1.0
µs
Turn–Off Delay
tPHL
All
0.5 Ein to 0.5 Eout
–
0.25
1.0
µs
Clamp Diode Leakage
IR
All
VR = 50V, TA = +25°C
–
–
50
µA
Current
VR = 50V, TA = +70°C
–
–
100
µA
Clamp Diode Forward Voltage
VF
All
IF = 350mA
–
1.7
2.0
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com