Electronic Components Datasheet Search
  English  ▼

X  

PE39342H Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39342H
Description  SMA Male to Violet FAKRA Plug Cable Using PE-C100-LSZH Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39342H Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39342H Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39342H Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39342H Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39342H Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
How to Order
Part Number Configuration:
PE39342H
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE39342H-12 = 12 inches long cable
PE39342H-100cm = 100 cm long cable
SMA Male to Violet FAKRA Plug Cable Using PE-C100-LSZH Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to Violet FAKRA Plug Cable Using PE-C100-LSZH Coax PE39342H
URL: https://www.pasternack.com/sma-male-fakra-plug-pe-c100-cable-assembly-pe39342h-p.aspx
PE39342H REV 1.0
RF Cable Assemblies Technical Data Sheet
SMA Male to Violet FAKRA Plug Cable
Using PE-C100-LSZH Coax
PE39342H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com