Electronic Components Datasheet Search
  English  ▼

X  

AR3009 Datasheet(PDF) 1 Page - Power Semiconductors

Part # AR3009
Description  RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR3009 Datasheet(HTML) 1 Page - Power Semiconductors

  AR3009 Datasheet HTML 1Page - Power Semiconductors AR3009 Datasheet HTML 2Page - Power Semiconductors AR3009 Datasheet HTML 3Page - Power Semiconductors AR3009 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTIFIER DIODE
AR3009
Repetitive voltage up to
3200 V
Mean forward current
2461 A
Surge current
30,2 kA
FINAL SPECIFICATION
Mar. 17 - Issue: 01
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
160
3200
V
V RSM
Non-repetitive peak reverse voltage
160
3300
V
I RRM
Repetitive peak reverse current
V=VRRM
160
100
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
2461
A
I F (AV)
Mean forward current
180° sin ,50 Hz, Tc=85°C, double side cooled
2339
A
I FSM
Surge forward current
Sine wave, 10 ms
160
30,2
kA
I² t
I² t
without reverse voltage
4560 x 10
3
A²s
V FM
Forward voltage
Forward current =
2900 A
25
1,30
V
V F(TO)
Threshold voltage
160
0,87
V
r F
Forward slope resistance
160
0,127
mohm
SWITCHING
t rr
Reverse recovery time
µs
Q rr
Reverse recovery charge
160
µC
I rr
Peak reverse recovery current
A
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
26
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
6
°C/kW
T j
Operating junction temperature
-30 / 160
°C
F
Mounting force
18.0 / 22.0
kN
Mass
500
g
ORDERING INFORMATION : AR3009 S 32
standard specification
VRRM/100
POSEICO SPA
Via Pillea 42-44, 16153 Genova - ITALY
Tel. + 39 010 8599400 - Fax + 39 010 8682006
Sales Office:
Tel. + 39 010 8599400 - sales@poseico.com


Similar Part No. - AR3009

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR3001 POSEICO-AR3001 Datasheet
168Kb / 4P
RECTIFIER DIODE
AR3001LT POSEICO-AR3001LT Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3001LTS10 POSEICO-AR3001LTS10 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3001S10 POSEICO-AR3001S10 Datasheet
168Kb / 4P
RECTIFIER DIODE
AR3004 POSEICO-AR3004 Datasheet
167Kb / 4P
RECTIFIER DIODE
More results

Similar Description - AR3009

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com