Electronic Components Datasheet Search
  English  ▼

X  

MAX4027ESD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4027ESD
Description  225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4027ESD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4027ESD Datasheet HTML 1Page - Maxim Integrated Products MAX4027ESD Datasheet HTML 2Page - Maxim Integrated Products MAX4027ESD Datasheet HTML 3Page - Maxim Integrated Products MAX4027ESD Datasheet HTML 4Page - Maxim Integrated Products MAX4027ESD Datasheet HTML 5Page - Maxim Integrated Products MAX4027ESD Datasheet HTML 6Page - Maxim Integrated Products MAX4027ESD Datasheet HTML 7Page - Maxim Integrated Products MAX4027ESD Datasheet HTML 8Page - Maxim Integrated Products MAX4027ESD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
225MHz, Triple, 2-Channel Video
Multiplexer-Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V, VEE = -5V, VIN_ _ = 0V, RL = 150
Ω to GND, TA = -40°C to +85°C. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Continuous power-dissipation rating must also be observed.
Positive Supply Voltage (VCC to GND) ..................................+6V
Negative Supply Voltage (VEE to GND) ..................................-6V
Amplifier Input Voltage (IN_ _) .........(VEE - 0.3V) to (VCC + 0.3V)
Digital Input Voltage (EN, A/B) ...................-0.3V to (VCC + 0.3V)
Output Short Circuit to GND (Note 1).........................Continuous
Output Short Circuit to VCC or VEE ...........................................5s
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
14-Pin SO (derate 8.3mW/°C above +70°C)................667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature .....................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
+4.5
+5.0
+5.5
Operating Supply Voltage Range
VEE
Inferred from the PSRR test
-4.5
-5.0
-5.5
V
EN = GND
31
39
Positive Supply Current
ICC
EN = 5V
17
24
mA
EN = GND
28
36
Negative Supply Current
IEE
EN = 5V
15
21
mA
Input Voltage Range
VIN_ _
Inferred from voltage gain
±1.25
±1.75
V
TA = +25°C±1
±6
Input Offset Voltage
VOS
TA = -40°C to +85°C
±11
mV
Input Offset-Voltage Matching
∆VOS
Channel to channel
±1
±12
mV
Voltage Gain
AV
VOUT_ = ±2.5V
1.9
2.0
2.1
V/V
Input Offset-Voltage Temperature
Coefficient
TCVOS
1
µV/°C
TA = +25°C
±2
±10
Input Bias Current
IB
TA = -40°C to +85°C
±18
µA
Channel on
100
400
k
Ω
Input Resistance
RIN
VIN_ _ = -1.25V to
+1.25V
Channel off
1
20
M
Ω
DC Output Resistance
ROUT
10
m
Ω
Disabled Output Resistance
ROUT(d)
EN = 5V, VOUT_ = -2.5V to +2.5V (Note 3)
1.6
k
Ω
DC Power-Supply Rejection Ratio
PSRR
VCC = +4.5V to +5.5V, VEE = -4.5V to -5.5V
60
86
dB
Output Voltage Swing
VOUT_
±2.5
±3.5
V
Output Short-Circuit Current
ISC
±143
mA
LOGIC CHARACTERISTICS (
EN, A/B)
Logic-Low Threshold
VIL
0.8
V
Logic-High Threshold
VIH
2.0
V
Logic-Low Input Current
IIL
VIL = 0V
-4
-20
µA
Logic-High Input Current
IIH
VIH = +5.5V, VCC = +5.5V
350
600
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com