Electronic Components Datasheet Search
  English  ▼

X  

LECGQ7WP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LECGQ7WP
Description  Headup Display
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGQ7WP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LECGQ7WP Datasheet HTML 6Page - OSRAM GmbH LECGQ7WP Datasheet HTML 7Page - OSRAM GmbH LECGQ7WP Datasheet HTML 8Page - OSRAM GmbH LECGQ7WP Datasheet HTML 9Page - OSRAM GmbH LECGQ7WP Datasheet HTML 10Page - OSRAM GmbH LECGQ7WP Datasheet HTML 11Page - OSRAM GmbH LECGQ7WP Datasheet HTML 12Page - OSRAM GmbH LECGQ7WP Datasheet HTML 13Page - OSRAM GmbH LECGQ7WP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
2017-06-12
10
Version 1.7 - OS-PCN-2016-024-A
LE CG Q7WP
Relative partial flux 5) page 25
Relativer zonaler Lichtstromanteil 5) Seite 25
ΦV(2ϕ)/ΦV(180°) = f (ϕ); TJ = 25 °C
Relative cumulated Luminous flux
Relativer kummulierter Lichtstrom
ΦVrel - cum = f(λ), TJ = 25 °C, IF = 1400 mA; per Chip
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150 160 170 180
2*ϕ [°]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
ΦV(2ϕ)
ΦV(180°)
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com