Electronic Components Datasheet Search
  English  ▼

X  

LGQ396 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LGQ396
Description  Information Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGQ396 Datasheet(HTML) 5 Page - OSRAM GmbH

  LGQ396 Datasheet HTML 1Page - OSRAM GmbH LGQ396 Datasheet HTML 2Page - OSRAM GmbH LGQ396 Datasheet HTML 3Page - OSRAM GmbH LGQ396 Datasheet HTML 4Page - OSRAM GmbH LGQ396 Datasheet HTML 5Page - OSRAM GmbH LGQ396 Datasheet HTML 6Page - OSRAM GmbH LGQ396 Datasheet HTML 7Page - OSRAM GmbH LGQ396 Datasheet HTML 8Page - OSRAM GmbH LGQ396 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 1.1
LG Q396
2015-06-12
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 20
Dominant Wellenlängengruppen 2) Seite 20
Group
Luminous Intensity 1) page 20
Luminous Intensity 1) page 20
Luminous Flux 6) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 6) Seite 20
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
P
45
71
200
Q
71
112
310
R
112
180
500
S
180
280
780
Group
green
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
569
572
4
572
575
5
575
578
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com