Electronic Components Datasheet Search
  English  ▼

X  

SP823C Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SP823C
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP823C Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SP823C Datasheet HTML 1Page - SamHop Microelectronics Corp. SP823C Datasheet HTML 2Page - SamHop Microelectronics Corp. SP823C Datasheet HTML 3Page - SamHop Microelectronics Corp. SP823C Datasheet HTML 4Page - SamHop Microelectronics Corp. SP823C Datasheet HTML 5Page - SamHop Microelectronics Corp. SP823C Datasheet HTML 6Page - SamHop Microelectronics Corp. SP823C Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Suface Mount Package.
S mHop Microelectronics C orp.
a
SP823C
Symbol
VDS
VGS
IDM
1.5
W
A
PD
°C
930
-55 to 150
ID
Units
Parameter
80
80
163
°C/W
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
80V
80A
5.5
@
VGS=10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (Tc=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
a c
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Case
R JC
www.samhop.com.tw
Aug,27,2015
1
Details are subject to change without notice.
TC=25°C
TC=70°C
A
TC=70°C
W
Green
Product
64
53
EAS
Single Pulse Avalanche Energy
d
mJ
83
4
3
2
1
8
7
6
5
N-Channel Logic Level Enhancement Mode Field Effect Transistor
c
Ver 1.0
DFN 5x6
PIN1


Similar Part No. - SP823C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP820S SECOS-SP820S Datasheet
398Kb / 2P
8.0AMP Schottky Barrier Rectifiers
logo
SamHop Microelectronics...
SP8255 SAMHOP-SP8255 Datasheet
95Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor
SP8256 SAMHOP-SP8256 Datasheet
106Kb / 7P
Super high dense cell design for low RDS(ON).
logo
Sipex Corporation
SP828 SIPEX-SP828 Datasheet
258Kb / 16P
High Efficiency Voltage Inverters
SP828EK SIPEX-SP828EK Datasheet
258Kb / 16P
High Efficiency Voltage Inverters
More results

Similar Description - SP823C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com