Electronic Components Datasheet Search
  English  ▼

X  

SP4510DG Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SP4510DG
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP4510DG Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SP4510DG Datasheet HTML 1Page - SamHop Microelectronics Corp. SP4510DG Datasheet HTML 2Page - SamHop Microelectronics Corp. SP4510DG Datasheet HTML 3Page - SamHop Microelectronics Corp. SP4510DG Datasheet HTML 4Page - SamHop Microelectronics Corp. SP4510DG Datasheet HTML 5Page - SamHop Microelectronics Corp. SP4510DG Datasheet HTML 6Page - SamHop Microelectronics Corp. SP4510DG Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
100
V
1
IGSS
±100
nA
VGS(th)
2.5
V
15
gFS
45
S
VSD
CISS
1460
pF
COSS
570
pF
CRSS
65
pF
Qg
10
nC
12
nC
Qgs
16
nC
Qgd
7
tD(ON)
25
ns
tr
8.4
ns
tD(OFF)
7.8
ns
tf
ns
Gate-Drain Charge
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=50V
ID=1A
VGS=10V
RGEN= 2.5 ohm
Total Gate Charge
Rise Time
Turn-Off DelayTime
VDS=50V,ID=24A,VGS=10V
Fall Time
Turn-On DelayTime
m ohm
VGS=10V , ID=24A
VDS=10V , ID=24A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=80V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body leakage current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
4.5
19
b
f=1.0MHz
b
VDS=50V,ID=24A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=8A
1.3
V
www.samhop.com.tw
2
Dec,08,2016
SP4510DG
Ver 1.0
3.5
0.82
Notes
a.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
b.Guaranteed by design, not subject to production testing.
c.Drain current limited by maximum junction temperature.
d.Starting TJ=25°C,L=0.5mH,VDD = 50V.(See Figure13)
e.Mounted on FR4 Board of 1 inch2 , 2oz.
_
_



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com