Electronic Components Datasheet Search
  English  ▼

X  

STF1016C Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # STF1016C
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF1016C Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  STF1016C Datasheet HTML 1Page - SamHop Microelectronics Corp. STF1016C Datasheet HTML 2Page - SamHop Microelectronics Corp. STF1016C Datasheet HTML 3Page - SamHop Microelectronics Corp. STF1016C Datasheet HTML 4Page - SamHop Microelectronics Corp. STF1016C Datasheet HTML 5Page - SamHop Microelectronics Corp. STF1016C Datasheet HTML 6Page - SamHop Microelectronics Corp. STF1016C Datasheet HTML 7Page - SamHop Microelectronics Corp. STF1016C Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ver 1.0
www.samhop.com.tw
Jul,21,2015
7
STF1016C
DFN 3.3 x 3.3 Tape and Reel Data
DFN 3.3 x 3.3 Tape
DFN 3.3 x 3.3 Reel
Unit : mm
FEEDING DIRECTION
H1
T
K
H
SECTION A-A
SECTION B-B
D1
P2
P1
E
D
B
B
P
E1
A
A
DFN 3.3x3.3
PACKAGE
H1
D
D1
E
E1
HP
P1
P2
T
K
3.60
0.10
1.50
(MIN)
1.50
+0.10
- 0.00
1.05
0.10
4.0
0.10
2.0
0.05
0.3
0.05
12.0
+0.30
- 0.10
1.75
0.10
8.0
0.10
3.60
0.10
A
N
W3
W1
W
B
C
TAPE SIZE
AN
W
W1
W3
B
C
12 mm
Unit : mm
330
2.0
101.6
2.0
1.3
+
-0.0
12.4
+2.0
-0.0
12.4
+3.0
-0.0
1.7
-2.6
13.2
+3.0
-0.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com