Electronic Components Datasheet Search
  English  ▼

X  

STM4436 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM4436
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4436 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM4436 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4436 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4436 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4436 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4436 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4436 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4436 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM4436 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SamHop Microelectronics Corp.
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
40
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
40V
13A
10.0 @ VGS=4.5V
6.8 @ VGS=10V
FEATURES
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
a c
A
www.samhop.com.tw
1
Details are subject to change without notice.
TA=25°C
W
PD
°C
-55 to 150
TA=25°C
THERMAL CHARACTERISTICS
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
50
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
TA=70°C
A
EAS
mJ
Single Pulse Avalanche Energy
d
TA=70°C
W
256
13
65
2.5
10.4
1.6
c
STM4436
Green
Product
SO-8
1
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
Ver 1.0
Oct,15,2015


Similar Part No. - STM4436

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
P -Channel E nhancement Mode F ield E ffect Transistor
STM4432 SAMHOP-STM4432 Datasheet
119Kb / 7P
Super high dense cell design for low RDS(ON).
logo
SHENZHEN DOINGTER SEMIC...
STM4432 DOINGTER-STM4432 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STM4432 VBSEMI-STM4432 Datasheet
1Mb / 8P
N-Channel 100-V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4433 SAMHOP-STM4433 Datasheet
658Kb / 7P
P-Channel E nhancement Mode MOSFET
More results

Similar Description - STM4436

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com