Electronic Components Datasheet Search
  English  ▼

X  

TDLV75 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # TDLV75
Description  TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TDLV75 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  TDLV75 Datasheet HTML 1Page - Advanced Crystal Technology TDLV75 Datasheet HTML 2Page - Advanced Crystal Technology TDLV75 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCXO part number generation
TLV75
2600
M
B
X
N
K
X
X
H
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 26.00MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning      
(±ppm)
Output 
waveform
Mechanical
 tuning   
(±ppm)
Polarity
Duty
 cycle
(%/%)
Tape
 & 
Reel
RoHS
TLV75
< 100MHz
First 4 digit of 
frequency
> 100MHz 
First 5 digit of 
frequency
1.0 = P
2.0 = N
2.5 = M
3.0 = L
4.0 = J
5.0 = F
3.3V = B
   0 ~ 50    = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30 ~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
None  = NLVDS = KNone =  XNone = X45/55 = HLoose = L
1000  = C
2000  = E
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : TLV752600MBXNKXXHL‐PF [26MHz], TLV751474MBXNKXXHL‐PF [14.7456MHz]
VC‐TCXO part number generation
VTLV75
1474
M
B
X
E
B
X
D
P
E
Z
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 
14.7456MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning      
(±ppm)
Output 
waveform
Mechanical
 tuning   
(±ppm)
Electrical 
tuning
(±ppm)
Polarity
Linearity
Duty cycle
Tape
 & 
Reel
RoHS 
VTLV75
< 100MHz
First 4 digit 
of frequency
> 100MHz 
First 5 digit 
of frequency
1.0 = P
2.0 = N
2.5 = M
3.0 = L
4.0 = J
5.0 = F
3.3V = B    0 ~ 50   = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
Voltage 
Control 
Only
  = 
E
LVDS = KNone
 =
  X
±5.0
 = 
 D
Positive 
=
P
±10%
 =
E
45/55 = H
Loose = L
1000  = C
2000  = D
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : VTT751474MBXEKXDPEHL‐PF (14.7456MHz)
(V)TDLV75 Series
TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com