Electronic Components Datasheet Search
  English  ▼

X  

BU406 Datasheet(PDF) 2 Page - Shenzhen hui lida electronic co., LTD

Part # BU406
Description  High frequency switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUILIDA [Shenzhen hui lida electronic co., LTD]
Direct Link  http://www.hldic.com/
Logo HUILIDA - Shenzhen hui lida electronic co., LTD

BU406 Datasheet(HTML) 2 Page - Shenzhen hui lida electronic co., LTD

  BU406 Datasheet HTML 1Page - Shenzhen hui lida electronic co., LTD BU406 Datasheet HTML 2Page - Shenzhen hui lida electronic co., LTD BU406 Datasheet HTML 3Page - Shenzhen hui lida electronic co., LTD BU406 Datasheet HTML 4Page - Shenzhen hui lida electronic co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BU406
2017. SZ116. V1.0
Page 2
www.hldic.com
热特性
THERMAL CHARACTERISTIC
项
目
Parameter
符 号
Symbol
最小值
Value(min)
最大值
Value(max)
单 位
Unit
结到管壳的热阻
TO-220C
Thermal Resistance Junction Case TO-220C
Rth(j-c)
-
2.08
℃
/W
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
V(BR)CEO
C
I =10mA,IB=0
200
--
-
V(BR)CBO
C
I =1mA,IB=0
400
--
-
V(BR)EBO
E
I =1mA,IC=0
9
--
-
ICBO
CB
V =400V, IE=0
-
10
-
μA
ICEO
CE
V =200V,IB=0
-
50
-
μA
IEBO
EB
=9V
V
, IC=0
-
10
-
μA
Hfe(1)
Hf
CE
=5V, IC=2A
60
-
85
Hfe(2)
Hf
CE
=5V, IC=7A
-
15
-
VCE(sat)
C
I =5A, IB=500mA
-
1.0
-
V
VBE(sat)
C
I =5A, IB=500mA
-
1.5
-
V
fT
CE
=10V
V
, IC=0.5A
10
-
MHz
-
Package Marking and Ordering Information
Part NO.
Marking
Package
BU406
BU406
TO-220



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com