Electronic Components Datasheet Search
  English  ▼

X  

SJ460 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SJ460
Description  CRYSTAL CLOCK OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SJ460 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SJ460 Datasheet HTML 1Page - List of Unclassifed Manufacturers SJ460 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
CMOS (TTL Compatible)
SJ-460 Series
Description
The SJ-460 Series of quartz crystal oscillators are designed to survive standard wave soldering operations
without damage.
Features
• Wide frequency range–2.25MHz to 36.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• Metal lid electrically connected to ground to reduce
EMI
• Low Jitter
• CMOS and TTL output levels
• High Q Crystal actively tuned oscillator circuit
• Low power consumption
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads
Electrical Connection
Pin
Connection
1
N.C.
2
Ground
3
Output
4
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0021C
Rev. D


Similar Part No. - SJ460

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJ4004DS2 LITTELFUSE-SJ4004DS2 Datasheet
1Mb / 7P
4 Amp High Temperature Sensitive SCRs
Revised: 08/02/17
SJ4004DS2RP LITTELFUSE-SJ4004DS2RP Datasheet
1Mb / 7P
4 Amp High Temperature Sensitive SCRs
Revised: 08/02/17
SJ4004DS2TP LITTELFUSE-SJ4004DS2TP Datasheet
1Mb / 7P
4 Amp High Temperature Sensitive SCRs
Revised: 08/02/17
SJ4004VS2 LITTELFUSE-SJ4004VS2 Datasheet
1Mb / 7P
4 Amp High Temperature Sensitive SCRs
Revised: 08/02/17
SJ4004VS2RP LITTELFUSE-SJ4004VS2RP Datasheet
1Mb / 7P
4 Amp High Temperature Sensitive SCRs
Revised: 08/02/17
More results

Similar Description - SJ460

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com