Electronic Components Datasheet Search
  English  ▼

X  

PE70A2003 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE70A2003
Description  TECHNICAL DATA SHEET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A2003 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE70A2003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A2003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A2003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A2003 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A2003 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A2003 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE70A2003 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE70A2003 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TECHNICAL DATA SHEET
The PE70A2003 is a 60 dB PIN Diode Attenuator that operates from 8 GHz to 18 Ghz. The Input/Output RF Connectors are
Removable SMA Female. The control connector is a 15 Pin Micro D, with a mating connector supplied. The Attenuator has
an Insertion Loss of 3.7 dB max, a typical IP1dB of +20 dBm and a survival Power Max of +30 dBm.
Features
• PIN Attenuator
• 8 GHz to 18 GHz Frequency Range
• 60 dB Attenuation
• 0 - 6 VDC Control Voltage Range
• Removeable SMA Female Connectors
Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Radar
• Military Communications Systems
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
8
18
GHz
Mean Attenuation Range
0
60
dB
Insertion Loss
3.7
dB
.
VSWR
2:1
Power Rating
+20
dBm
Survival Power Rating
+30
dBm
Attenuation Flatness
10 dB
±0.8
dB
20 dB
±1.1
dB
40 dB
±1.5
dB
60 dB
±1.6
dB
.
Switching Time
500
ns
Control
0
6
Volts
DC Power Supply
12 to 15 VDC
125
mA
-12 to -15 VDC
50
mA
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 60 dB Voltage Variable Attenuator, PIN Diode, 8 GHz To 18 GHz, SMA PE70A2003
PE70A2003
PE70A2003 REV 1.0
0 to 60 dB Voltage Variable Attenuator, PIN
Diode, 8 GHz To 18 GHz, SMA


Similar Part No. - PE70A2003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A2000 PASTERNACK-PE70A2000 Datasheet
450Kb / 7P
TECHNICAL DATA SHEET
PE70A2001 PASTERNACK-PE70A2001 Datasheet
487Kb / 8P
TECHNICAL DATA SHEET
PE70A2002 PASTERNACK-PE70A2002 Datasheet
447Kb / 7P
TECHNICAL DATA SHEET
More results

Similar Description - PE70A2003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com