Electronic Components Datasheet Search
  English  ▼

X  

SL04 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SL04
Description  Small Surface Mount Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL04 Datasheet(HTML) 2 Page - Vishay Siliconix

  SL04 Datasheet HTML 1Page - Vishay Siliconix SL04 Datasheet HTML 2Page - Vishay Siliconix SL04 Datasheet HTML 3Page - Vishay Siliconix SL04 Datasheet HTML 4Page - Vishay Siliconix SL04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85687
Rev. 3, 21-Feb-03
VISHAY
SL02 to SL04
Vishay Semiconductors
Maximum Thermal Resistance
Tamb = 25 °C, unless otherwise specified
2)Mounted on epoxy substrate with 3 x 3mm Cu pads (≥ 40 µm thick)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
1) Pulse test: 300 µs pulse width, 1 % duty cycle
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Symbol
Value
Unit
Thermal resistance junction to
ambient air
2)
RθJA
180
K/W
Maximum operating junction
temperature
TJ
125
°C
Storage temperature range
TSTG
- 55 to 150
°C
Parameter
Test condition
Part
Symbol
Typ.
Max
Unit
Instaneous forward voltage at 0.5
1)
SL02
VF
0.360
0.385
V
SL03
VF
0.395
0.43
V
SL04
VF
0.450
0.51
V
Typical instantaneous forward
voltage
1.1 A
SL02
VF
0.420
V
1.1 A
SL03
VF
0.450
V
1.1 A
SL04
VF
0.530
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
SL02
IR
250
µA
TA = 100 °C
SL02
IR
8.0
mA
TA = 25 °C
SL03
IR
130
µA
TA = 100 °C
SL03
IR
6.0
mA
TA = 25 °C
SL04
IR
20
µA
TA = 100 °C
SL04
IR
6.0
mA
Figure 1. Forward Current Derating Curve
0
10
30
50
70
90
110
130
0
0.5
1.5
1.0
150
Lead temperature (°C)
17379
Figure 2. Typical Junction Capacitance
12
10
50
100
150
200
250
0
2
4
6
8
10
Reverse Voltage (V)
SL02
SL04
17380



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com