Electronic Components Datasheet Search
  English  ▼

X  

SL03 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SL03
Description  Small Surface Mount Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL03 Datasheet(HTML) 3 Page - Vishay Siliconix

  SL03 Datasheet HTML 1Page - Vishay Siliconix SL03 Datasheet HTML 2Page - Vishay Siliconix SL03 Datasheet HTML 3Page - Vishay Siliconix SL03 Datasheet HTML 4Page - Vishay Siliconix SL03 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
SL02 to SL04
Document Number 85687
Rev. 3, 21-Feb-03
Vishay Semiconductors
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characterisics - SL02
Figure 4. Typical Reverse Current Characteristics - SL02
Figure 5. Typical Instantaneous Forward Characteristics - SL03
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
0
0.0001
0.001
0.01
0.1
Instantaneous Forward Voltage (V)
TJ = 100
°C
TJ =50
°C
TJ =75
°C
TJ =25
°C
Pulse Width = 300
µs
1% Duty Cycle
17381
0
5
10
15
1
10
100
1000
10000
20
25
Reverse Voltage (V)
TJ =100
°C
TJ =50
°C
TJ =75
°C
TJ =25
°C
17382
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9 1.0
1
10
0
0.0001
0.001
0.01
0.1
Instantaneous Forward Voltage (V)
TJ = 100
°C
TJ =50
°C
TJ =75
°C
TJ =25
°C
Pulse Width = 300
µs
1% Duty Cycle
17383
Figure 6. Typical Reverse Current Characteristics - SL03
0
5
10
15
1
0.1
10
100
1000
10000
20
25
30
35
Reverse Voltage (V)
TJ =100
°C
TJ =50
°C
TJ =75
°C
TJ =25
°C
17384



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com