Electronic Components Datasheet Search
  English  ▼

X  

PE39344H Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39344H
Description  SMA Female to Violet FAKRA Plug Cable Using PE-C100-LSZH Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39344H Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39344H Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39344H Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39344H Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39344H Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE39344H
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE39344H-12 = 12 inches long cable
PE39344H-100cm = 100 cm long cable
SMA Female to Violet FAKRA Plug Cable Using PE-C100-LSZH Coax from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to Violet FAKRA Plug Cable Using PE-C100-LSZH Coax PE39344H
URL: https://www.pasternack.com/sma-female-fakra-plug-pe-c100-cable-assembly-pe39344h-p.aspx
PE39344H REV 1.0
RF Cable Assemblies Technical Data Sheet
SMA Female to Violet FAKRA Plug Cable
Using PE-C100-LSZH Coax
PE39344H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com