Electronic Components Datasheet Search
  English  ▼

X  

CFM-60V Datasheet(PDF) 2 Page - CUI INC

Part # CFM-60V
Description  DC AXIAL FAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-60V Datasheet(HTML) 2 Page - CUI INC

  CFM-60V Datasheet HTML 1Page - CUI INC CFM-60V Datasheet HTML 2Page - CUI INC CFM-60V Datasheet HTML 3Page - CUI INC CFM-60V Datasheet HTML 4Page - CUI INC CFM-60V Datasheet HTML 5Page - CUI INC CFM-60V Datasheet HTML 6Page - CUI INC CFM-60V Datasheet HTML 7Page - CUI INC CFM-60V Datasheet HTML 8Page - CUI INC CFM-60V Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
cui.com
date 12/11/2017
│ page 2 of 15
CUI Inc
│ SERIES: CFM-60V │ DESCRIPTION: DC AXIAL FAN
MODEL
input
voltage
input
current1
input
power1
rated
speed1
air
flow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
max
(mA)
max
(W)
typ
(RPM±15%)
(CFM)
(inch H
2O)
max
(dBA)
CFM-6025V-238-220
24
8~27.6
38
0.92
3800
19.3
0.15
22.0
CFM-6025V-245-270
24
8~27.6
58
1.40
4500
23.5
0.21
27.0
CFM-6025V-252-312
24
8~27.6
92
2.21
5200
27.0
0.31
31.2
Notes:
1. At rated voltage, 25°C, 0 inch H
20 static pressure, after 10 minutes
2. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 inch H
20 static pressure
3. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 CFM airflow.
4. Measured in a semi-anechoic chamber with background noise < 15 dBA at 1 m from the fan intake.
5. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CFM-6010V-130-205 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
11 = rotation detector signal
20 = tachometer signal
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com