Electronic Components Datasheet Search
  English  ▼

X  

CP20147H Datasheet(PDF) 4 Page - CUI INC

Part # CP20147H
Description  PELTIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP20147H Datasheet(HTML) 4 Page - CUI INC

  CP20147H Datasheet HTML 1Page - CUI INC CP20147H Datasheet HTML 2Page - CUI INC CP20147H Datasheet HTML 3Page - CUI INC CP20147H Datasheet HTML 4Page - CUI INC CP20147H Datasheet HTML 5Page - CUI INC CP20147H Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 09/25/2017
│ page 4 of 6
CUI Inc
│ SERIES: CP20H │ DESCRIPTION: PELTIER MODULE
1.2 A
1.6 A
2 A
0.8 A
12
9.0
1.2 A
2 A
0.4 A
1.6 A
0.8 A
0.4 A
70
60
50
40
30
20
10
0
10
8.0
6.0
0
T=Th-Tc (°C)
0
4.0
6.0
3.0
2.0
CP20247H PERFORMANCE (Th=27°C)
1.2 A
1.6 A
2 A
0.8 A
12
9.0
1.2 A
2 A
0.4 A
1.6 A
0.8 A
0.4 A
70
60
50
40
30
20
10
0
10
8.0
6.0
0
T=Th-Tc (°C)
0
4.0
6.0
3.0
2.0
CP20247H PERFORMANCE (Th=50°C)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com