Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS175 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS175
Description  HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS175 Datasheet(HTML) 2 Page - Texas Instruments

  SN54ALS175 Datasheet HTML 1Page - Texas Instruments SN54ALS175 Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SN54ALS174, SN54ALS175, SN54AS174, SN54AS175B
SN74ALS174, SN74ALS175, SN74AS174, SN74AS175B
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SDAS207E - APRIL 1982 - REVISED MAY 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SN74ALS174N
SN74ALS174N
PDIP
N
Tube
SN74AS174N
SN74AS174N
PDIP – N
Tube
SN74ALS175N
SN74ALS175N
SN74AS175BN
SN74AS175BN
Tube
SN74ALS174D
ALS174
Tape and reel
SN74ALS174DR
ALS174
Tube
SN74AS174D
AS174
0
°Cto70°C
SOIC
D
Tape and reel
SN74AS174DR
AS174
0
°C to 70°C
SOIC – D
Tube
SN74ALS175D
ALS175
Tape and reel
SN74ALS175DR
ALS175
Tube
SN74AS175BD
AS175B
Tape and reel
SN74AS175BDR
AS175B
SN74ALS174NSR
ALS174
SOP
NS
Tape and reel
SN74AS174NSR
74AS174
SOP – NS
Tape and reel
SN74ALS175NSR
ALS175
SN74AS175BNSR
74AS175B
SNJ54ALS174J
SNJ54ALS174J
CDIP
J
Tube
SNJ54AS174J
SNJ54AS174J
CDIP – J
Tube
SNJ54ALS175J
SNJ54ALS175J
SNJ54AS175BJ
SNJ54AS175BJ
–55
°C to 125°C
CFP
W
Tube
SNJ54ALS174W
SNJ54ALS174W
CFP – W
Tube
SNJ54ALS175W
SNJ54ALS175W
SNJ54ALS174FK
SNJ54ALS174FK
LCCC – FK
Tube
SNJ54AS174FK‡
SNJ54AS174FK
SNJ54ALS175FK
SNJ54ALS175FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ This orderable is not recommended for new designs.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUTS
CLR
CLK
D
Q
Q§
L
X
X
L
H
H
↑
HH
L
H
↑
LL
H
H
L
X
Q0
Q0
§ ’ALS175 and ’AS175B only



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com