Electronic Components Datasheet Search
  English  ▼

X  

PE38751H Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE38751H
Description  Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE38751H Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE38751H Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE38751H Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE38751H Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE38751H Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: FAKRA Plug
• Connector 2: FAKRA Plug
• Cable Type: RG174
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
Velocity of Propagation
66
%
Capacitance
30.8 [101.05]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
dB/m
Insertion Loss (Typ.)
0.242
0.284
0.337
0.412
0.52
dB/ft
0.79
0.93
1.11
1.35
1.71
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.37 in [9.4 mm]
.
Weight
0.024 lbs [10.89 g]
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel
Dielectric Type
PE (LD)
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax PE38751H
PE38751H REV 1.0
Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE38751H


Similar Part No. - PE38751H

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38751H-12 PASTERNACK-PE38751H-12 Datasheet
423Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable 12 Inch Length Using RG174 Coax
PE38751H-12 PASTERNACK-PE38751H-12 Datasheet
186Kb / 1P
FAKRA PLUG TO FAKRA PLUG, RG174A/U COAX
PE38751H-24 PASTERNACK-PE38751H-24 Datasheet
423Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable 24 Inch Length Using RG174 Coax
PE38751H-24 PASTERNACK-PE38751H-24 Datasheet
186Kb / 1P
FAKRA PLUG TO FAKRA PLUG, RG174A/U COAX
PE38751H-36 PASTERNACK-PE38751H-36 Datasheet
424Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable 36 Inch Length Using RG174 Coax
More results

Similar Description - PE38751H

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38755H PASTERNACK-PE38755H Datasheet
469Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable Using RG316 Coax
PE38751H-12 PASTERNACK-PE38751H-12 Datasheet
423Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable 12 Inch Length Using RG174 Coax
PE38751H-24 PASTERNACK-PE38751H-24 Datasheet
423Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable 24 Inch Length Using RG174 Coax
PE38751H-36 PASTERNACK-PE38751H-36 Datasheet
424Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable 36 Inch Length Using RG174 Coax
PE38751H-48 PASTERNACK-PE38751H-48 Datasheet
423Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable 48 Inch Length Using RG174 Coax
PE38751H-60 PASTERNACK-PE38751H-60 Datasheet
424Kb / 4P
Violet FAKRA Plug to FAKRA Plug Cable 60 Inch Length Using RG174 Coax
PE38753H PASTERNACK-PE38753H Datasheet
423Kb / 4P
Violet FAKRA Plug to FAKRA Jack Right Angle Cable Using RG174 Coax
PE39197H PASTERNACK-PE39197H Datasheet
431Kb / 4P
SMA Male to Violet FAKRA Plug Cable Using RG174 Coax
PE39345H PASTERNACK-PE39345H Datasheet
428Kb / 4P
SMA Female to Violet FAKRA Plug Cable Using RG174 Coax
PE3C3457 PASTERNACK-PE3C3457 Datasheet
398Kb / 4P
Violet FAKRA Plug to BNC Male Cable Using RG174 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com