Electronic Components Datasheet Search
  English  ▼

X  

PAH8011ES Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAH8011ES
Description  Low Power Heart Rate Monitor Optical Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8011ES Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAH8011ES Datasheet HTML 4Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 5Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 6Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 7Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 8Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 9Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 10Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 11Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
PixArt Imaging Inc.
PAH8011ES Product Datasheet
Low Power Heart Rate Monitor Optical Chip
Version 1.1 | 20 Oct 2017 | 31008AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Operating Specifications
2.1
Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit Notes
Analog Voltage
VDDM_MAX
-0.4
VDDM + 0.3
V
I/O Voltage
VDDIO_MAX
-0.4
VDDIO + 0.3
V
I/O Pin Input High Voltage
VDDIO_IN
-0.4
VDDIO + 0.3
V
All I/O pins
Relative Humidity
RH
0
50
%
Non-condensing, Non-biased
ESD
ESDHBM
-
2
kV
Class 2 on all pins, as per human
body model. JESD22-A114E with
15 sec zap interval.
Notes:
1. At room temperature.
2. Maximum Ratings are those values beyond which damage to the device may occur.
3. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability.
4. Functional operation under absolute maximum-rated conditions is not implied and should be restricted to the
Recommended Operating Conditions.
2.2
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Description
Symbol
Min.
Typ.
Max.
Unit Notes
Ambient Temperature
TA
-20
25
60
°C
Operating Junction
Temperature
TJ
-35
-
80
°C
Power Supply Voltage
VDDM
3.1
3.3
3.6
V
Power regulator input supply.
Includes ripples
LED Power Supply Voltage
VDDLED
3.3
-
4.5
V
LED power supply. Includes
ripples
Analog Supply Voltage
VDDA
1.7
1.8
1.9
V
Analog power supply. Includes
ripples
Digital Supply Voltage
VDDD
1.7
1.8
1.9
V
Digital power supply. Includes
ripples
I/O Supply Voltage
VDDIO
1.62
1.8
3.6
V
Includes ripples
Power Regulator Output
Voltage
VDDAY
2.52
2.8
3.08
V
Internal regulator output.
Includes ripples
Supply Noise
VNpp
-
-
100
mVp-p
Peak to peak within 10K – 80
MHz
I2C Clock Frequency
SCL_I2C
-
4001
10002
KHz
1. Max value for Fast mode
2. Max value for Fast mode plus
Note: PixArt does not guarantee the performance if the operating temperature is beyond the specified limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com