Electronic Components Datasheet Search
  English  ▼

X  

AD2S80A Datasheet(PDF) 18 Page - Analog Devices

Part # AD2S80A
Description  Variable Resolution, Monolithic Resolver-to-Digital Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S80A Datasheet(HTML) 18 Page - Analog Devices

Back Button AD2S80A Datasheet HTML 11Page - Analog Devices AD2S80A Datasheet HTML 12Page - Analog Devices AD2S80A Datasheet HTML 13Page - Analog Devices AD2S80A Datasheet HTML 14Page - Analog Devices AD2S80A Datasheet HTML 15Page - Analog Devices AD2S80A Datasheet HTML 16Page - Analog Devices AD2S80A Datasheet HTML 17Page - Analog Devices AD2S80A Datasheet HTML 18Page - Analog Devices AD2S80A Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AD2S80A
OUTLINE DIMENSIONS
Figure 11. 40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
(D-40-1)
Dimensions shown in inches and (millimeters)
Figure 12. 44-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-44-1)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Accuracy
Package Description
Package Option
5962-9096201MQA
−55°C to +125°C
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
5962-9096201MXA
−55°C to +125°C
44-Terminal Ceramic Leadless Chip Carrier
E-44-1
AD2S80AAD
−40°C to +85°C
8 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
AD2S80ABD
−40°C to +85°C
4 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
AD2S80AJD
0°C to 70°C
8 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
AD2S80AKD
0°C to 70°C
4 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
AD2S80ALD
0°C to 70°C
2 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
AD2S80ASD
−55°C to +125°C
8 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
AD2S80ASD/883B
−55°C to +125°C
8 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
AD2S80ATD
−55°C to +125°C
4 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
AD2S80ATD/B
−55°C to +125°C
4 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
AD2S80ATE
−55°C to +125°C
4 arc min
44-Terminal Ceramic Leadless Chip Carrier
E-44-1
AD2S80AUD
−55°C to +125°C
2 arc min
40-Lead Side-Brazed Ceramic Dual Inline Package [SBDIP]
D-40-1
1 Z = RoHS Compliant Part.
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.020 (0.51)
0.09 (2.29)
0.07 (1.77)
0.070 (1.78)
0.030 (0.76)
0.150 (3.81)
MIN
0.125 (3.22)
MIN
0.100 (2.54)
BSC
1.90 (48.26)
REF
0.59 (14.99)
BSC
40
1
20
21
2.02 (51.31)
2.00 (50.80)
1.98 (50.29)
0.61 (15.49)
0.58 (14.73)
0.012 (0.31)
0.009 (0.23)
TOP VIEW
SIDE VIEW
END VIEW
PIN 1
INDICATOR
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
1
44
6
7
18
17
39
40
BOTTOM VIEW
29
28
0.055 (1.40)
0.045 (1.14)
0.662 (16.82)
0.640 (16.27)
SQ
0.028 (0.71)
0.022 (0.56)
0.020 (0.51)
REF
 45°
0.040 (1.02)
REF
 45°
3 PLACES
0.050
(1.27)
BSC
0.075 (1.91) REF
0.100 (2.54)
0.064 (1.63)
–17–
REV. D
[LLC]
[LLC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com