Electronic Components Datasheet Search
  English  ▼

X  

AD650 Datasheet(PDF) 21 Page - Analog Devices

Part # AD650
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD650_17 Datasheet HTML 13Page - Analog Devices AD650_17 Datasheet HTML 14Page - Analog Devices AD650_17 Datasheet HTML 15Page - Analog Devices AD650_17 Datasheet HTML 16Page - Analog Devices AD650_17 Datasheet HTML 17Page - Analog Devices AD650_17 Datasheet HTML 18Page - Analog Devices AD650_17 Datasheet HTML 19Page - Analog Devices AD650_17 Datasheet HTML 20Page - Analog Devices AD650_17 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD650
Data Sheet
Rev. E | Page 20 of 20
COMPLIANT TO JEDEC STANDARDS MO-047-AA
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.020 (0.50)
R
BOTTOM
VIEW
(PINS UP)
0.021 (0.53)
0.013 (0.33)
0.330 (8.38)
0.290 (7.37)
0.032 (0.81)
0.026 (0.66)
0.056 (1.42)
0.042 (1.07)
0.20 (0.51)
MIN
0.120 (3.04)
0.090 (2.29)
3
4
19
18
8
9
14
13
TOP VIEW
(PINS DOWN)
0.395 (10.03)
0.385 (9.78)
SQ
0.356 (9.04)
0.350 (8.89)
SQ
0.048 (1.22 )
0.042 (1.07)
0.048 (1.22)
0.042 (1.07)
0.020
(0.51)
R
0.050
(1.27)
BSC
0.180 (4.57)
0.165 (4.19)
0.045 (1.14)
0.025 (0.64)
R
PIN 1
IDENTIFIER
Figure 25. 20-Lead Plastic Leaded Chip Carrier [PLCC]
(P-20)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Gain Tempco
ppm/°C
100 kHz
1 MHz
Linearity
Temperature
Range
Package Description
Package
Option
AD650JN
150 typ
0.1% typ
0°C to 70°C
14-Lead Plastic Dual In-Line Package [PDIP]
N-14
AD650JNZ
150 typ
0.1% typ
0°C to 70°C
14-Lead Plastic Dual In-Line Package [PDIP]
N-14
AD650KN
150 typ
0.1% max
0°C to 70°C
14-Lead Plastic Dual In-Line Package [PDIP]
N-14
AD650KNZ
150 typ
0.1% max
0°C to 70°C
14-Lead Plastic Dual In-Line Package [PDIP]
N-14
AD650JP
150 typ
0.1% typ
0°C to 70°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
AD650JPZ
150 typ
0.1% typ
0°C to 70°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
AD650AD
150 max
0.1% typ
−25°C to +85°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD650BD
150 max
0.1% max
−25°C to +85°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD650SD
200 max
0.1% max
−55°C to +125°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD650SD/883B
200 max
0.1% max
−55°C to +125°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD650ACHIPS
Die
1 Z = RoHS Compliant Part.
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00797-0-3/13(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com