Electronic Components Datasheet Search
  English  ▼

X  

AD7608 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7608
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7608 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7608 Datasheet HTML 24Page - Analog Devices AD7608 Datasheet HTML 25Page - Analog Devices AD7608 Datasheet HTML 26Page - Analog Devices AD7608 Datasheet HTML 27Page - Analog Devices AD7608 Datasheet HTML 28Page - Analog Devices AD7608 Datasheet HTML 29Page - Analog Devices AD7608 Datasheet HTML 30Page - Analog Devices AD7608 Datasheet HTML 31Page - Analog Devices AD7608 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Data Sheet
AD7608
Rev. A | Page 27 of 32
Figure 46 to Figure 52 illustrates the effect of oversampling on
the code spread in a dc histogram plot. As the oversample rate
is increased, the spread of codes is reduced. (In Figure 46 to
Figure 52, AVCC = VDRIVE = 5 V and the sampling rate was scaled
with OS ratio.)
0
200
400
600
800
1000
1200
1400
1600
–9 –8 –7 –6 –5 –4 –3 –2 –1
0
CODE
1
2
3
4
5
6
7
8
9
3
3 35
82
708
1001
NO OVERSAMPLING
1170
1377
1208
852
588
328
146
66
21 5 0
188
411
Figure 46. Histogram of Codes—No OS (18 Codes)
0
200
400
600
800
1000
1400
1800
1200
1600
2000
–8
–7
–6
–5
–4 –3 –2 –1
0
CODE
1
2
3
4
5
6
0
1
15
OVERSAMPLING BY 2
1524
1759
1397
902
498
165
57
9
54
208
538
1065
Figure 47. Histogram Of Codes—OS × 2 (14 Codes)
500
0
1000
1500
2000
2500
–5
–4
–3
–2
–1
0
CODE
1
2
3
4
5
OVERSAMPLING BY 4
1551
2224
1913
1072
427
64
14
4
40
199
684
Figure 48. Histogram of Codes—OS × 4 (11 Codes)
0
500
1000
1500
2000
2500
3000
3500
–4
–3
–2
–1
0
CODE
1
2
3
4
OVERSAMPLING BY 8
3027
1756
457
44
2
4
78
2176
648
Figure 49. Histogram of Codes—OS × 8 (9 Codes)
OVERSAMPLING BY 16
0
500
1000
1500
2000
3000
4000
2500
3500
4500
–2
–1
0
CODE
1
3
2
3947
385
2703
7
1081
69
Figure 50. Histogram of Codes—OS × 16 (6 Codes)
OVERSAMPLING BY 32
0
1000
2000
3000
4000
5000
6000
–2
–1
0
CODE
1
2
5403
17
1460
1301
11
Figure 51. Histogram of Codes—OS × 32 (5 Codes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com