Electronic Components Datasheet Search
  English  ▼

X  

AD652AQ Datasheet(PDF) 27 Page - Analog Devices

Part # AD652AQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652AQ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD652AQ Datasheet HTML 21Page - Analog Devices AD652AQ Datasheet HTML 22Page - Analog Devices AD652AQ Datasheet HTML 23Page - Analog Devices AD652AQ Datasheet HTML 24Page - Analog Devices AD652AQ Datasheet HTML 25Page - Analog Devices AD652AQ Datasheet HTML 26Page - Analog Devices AD652AQ Datasheet HTML 27Page - Analog Devices AD652AQ Datasheet HTML 28Page - Analog Devices AD652AQ Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AD652
Rev. C | Page 26 of 28
ORDERING GUIDE
Model
Gain Drift, 100 kHz
1 MHz Linearity (%)
Specified Temperature Range
Package Options 1
AD652JP
50 ppm/°C max
0.02 max
0°C to +70°C
PLCC (P-20A)
AD652JP-REEL
50 ppm/°C max
0.02 max
0°C to +70°C
PLCC (P-20A)
AD652JP-REEL7
50 ppm/°C max
0.02 max
0°C to +70°C
PLCC (P-20A)
AD652KP
25 ppm/°C max
0.005 max
0°C to +70°C
PLCC (P-20A)
AD652KP-REEL
25 ppm/°C max
0.005 max
0°C to +70°C
PLCC (P-20A)
AD652AQ2
50 ppm/°C max
0.02 max
−40°C to +85°C
CERDIP (Q-16)
AD652BQ2
25 ppm/°C max
0.005 max
−40°C to +85°C
CERDIP (Q-16)
AD652SE/883B2
50 ppm/°C max
0.02 max
−55°C to +125°C
LCC (E-20A)
AD652SQ2
50 ppm/°C max
0.02 max
−55°C to +125°C
CERDIP (Q-16)
AD652SQ/883B2
50 ppm/°C max
0.02 max
−55°C to +125°C
CERDIP (Q-16)
1 P = Plastic Leaded Chip Carrier; Q = CERDIP, E = Leadless Chip Carrier.
2 For details on grade and package offerings screened in accordance with MILSTD-883, refer to the Analog Devices Military Products Databook or current AD652/883
data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com