Electronic Components Datasheet Search
  English  ▼

X  

PE71S5000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S5000
Description  TECHNICAL DATA SHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S5000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TECHNICAL DATA SHEET
The PE71S5000 is a Single Pole Double Throw (SPDT) Absorptive Switch that covers a wide frequency band from DC to 20
GHz. This general purpose design utilizes GaAs MESFET MMIC technology that has extremely fast switching speed levels of
5 nsec. Additional typical performance includes 45 dB Isolation up to 5 GHz, and 2 dB Insertion Loss at 12 GHz. The design
also incorporates CMOS driver circuitry that allows a single +5V biased voltage at very low DC current levels. The drop-in
package is hermetically sealed with field replaceable SMA connectors. Operating temperature range is -55°C to +85°C. And
for added confidence, this rugged package assembly is designed to meet MIL-STD-883 test conditions for Hermeticity and
Temperature Cycle.
Features
•
SPDT Non-Reflective Switch Design
• GaAs MESFET MMIC Technology
• Ultra Fast Switching Speed 5 nsec typical
• High Isolation 45 dB typical up to 5 GHz
• Low Insertion Loss 2 dB typical at 12 GHz
• CMOS Driver Circuit
• Hermetically Sealed Module
• Field Replaceable SMA Connectors
•
-55°C to +85°C Operating Temperature
•
Designed to meet MIL-STD-883 Conditions
Applications
• Electronic Warfare
• Electronic Countermeasures
• Microwave Radio
• VSAT
• Radar
• Fiber Optic
• Space Systems
• Test Instrumentation
• Telecom Infrastructure
• Base station Infrastructure
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
20
GHz
Insertion Loss
4
dB
Isolation
35
dB
Switching Speed
5
ns
Control Input
TTL
Power Handling
+23
dBm
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 35 dB High Isolation SPDT PIN Diode Switch DC to 20 GHz, 4 dB Insertion Loss with SMA
PE71S5000
PE71S5000
PE71S5000 REV 1.0
35 dB High Isolation SPDT PIN Diode Switch DC
to 20 GHz, 4 dB Insertion Loss with SMA


Similar Part No. - PE71S5000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S5001 PASTERNACK-PE71S5001 Datasheet
435Kb / 6P
TECHNICAL DATA SHEET
PE71S5002 PASTERNACK-PE71S5002 Datasheet
915Kb / 6P
90 dB High Isolation SPDT PIN Diode Switch
PE71S5003 PASTERNACK-PE71S5003 Datasheet
1Mb / 7P
80 dB High Isolation SP4T PIN Diode Switch
PE71S5004 PASTERNACK-PE71S5004 Datasheet
1Mb / 7P
75 dB High Isolation SP4T PIN Diode Switch
PE71S5005 PASTERNACK-PE71S5005 Datasheet
704Kb / 6P
TECHNICAL DATA SHEET
More results

Similar Description - PE71S5000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com