Electronic Components Datasheet Search
  English  ▼

X  

PE71S6249 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6249
Description  PIN Diode Switches Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6249 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6249 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6249 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6249 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6249 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6249 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• SP4T Absorptive Switch
• 0.01 GHz to 1 GHz
• Insertion Loss 1.5 dB max
• Isolation 60 dB min
• Power Input 20 dBm CW max
• Field Replaceable Connectors
Applications
• Test & Measurement
• Military Communication
• Commercial Communication
• Wireless Communications
• SATCOM
• Military Electronic Systems
• RF Test Stations
.
Description
The PE71S6249 is a Single Pole Four Throw (SP4T) Absorptive PIN Diode Switch that operates from 0.01 GHz to 1 GHz.
The output port is terminated in 50 ohms when switched in the isolation (off) state. Performance includes 1.5 dB max insertion
loss, 60 dB min isolation, and 200 nsec max switching speed.
The design incorporates TTL compatible driver circuitry for
accurate logic control. Operational temperature range is -40°C to +85°C and dual voltage controls of +5 DC and -15 DC are
required. The rugged package is designed to meet a series of MIL-STD-202F environmental conditions including humidity,
shock, vibration, and temperature cycle. Package interfaces include solder terminals and female SMA connectors.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
1,000
MHz
Impedance
50
Ohms
VSWR
1.5:1
Insertion Loss
1.5
dB
Isolation
60
dB
Switching Time
200
ns
Input Power (CW)
0.1
Watts
Survival Power
1
Watts
Positive Operating Voltage
5
Vdc
Negative Operating Voltage
-15
Vdc
Current @ 5 Vdc
200
mA
Current @ -15 Vdc
100
mA
Operating Temperature
-40
+85
deg C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Absorptive SP4T PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up to 0.1 Watts
(+20 dBm) and Field Replaceable SMA PE71S6249
PE71S6249 REV 1.0
Absorptive SP4T PIN Diode Switch Operating From 10 MHz to
1,000 MHz Up to 0.1 Watts (+20 dBm) and Field Replaceable SMA
PIN Diode Switches Technical Data Sheet
PE71S6249


Similar Part No. - PE71S6249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6240 PASTERNACK-PE71S6240 Datasheet
448Kb / 6P
PIN Diode Switches Technical Data Sheet
PE71S6241 PASTERNACK-PE71S6241 Datasheet
448Kb / 6P
PIN Diode Switches Technical Data Sheet
PE71S6242 PASTERNACK-PE71S6242 Datasheet
493Kb / 7P
PIN Diode Switches Technical Data Sheet
PE71S6243 PASTERNACK-PE71S6243 Datasheet
458Kb / 5P
PIN Diode Switches Technical Data Sheet
PE71S6244 PASTERNACK-PE71S6244 Datasheet
463Kb / 5P
PIN Diode Switches Technical Data Sheet
More results

Similar Description - PE71S6249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2039 PASTERNACK-PE71S2039 Datasheet
616Kb / 5P
PIN Diode Switches Technical Data Sheet
PE71S6215 PASTERNACK-PE71S6215 Datasheet
563Kb / 6P
PIN Diode Switches Technical Data Sheet
PE71S6216 PASTERNACK-PE71S6216 Datasheet
487Kb / 7P
PIN Diode Switches Technical Data Sheet
PE71S6221 PASTERNACK-PE71S6221 Datasheet
468Kb / 8P
PIN Diode Switches Technical Data Sheet
PE71S6225 PASTERNACK-PE71S6225 Datasheet
439Kb / 5P
PIN Diode Switches Technical Data Sheet
PE71S6226 PASTERNACK-PE71S6226 Datasheet
488Kb / 6P
PIN Diode Switches Technical Data Sheet
PE71S6236 PASTERNACK-PE71S6236 Datasheet
402Kb / 5P
PIN Diode Switches Technical Data Sheet
PE71S6242 PASTERNACK-PE71S6242 Datasheet
493Kb / 7P
PIN Diode Switches Technical Data Sheet
PE71S6245 PASTERNACK-PE71S6245 Datasheet
454Kb / 5P
PIN Diode Switches Technical Data Sheet
PE71S6247 PASTERNACK-PE71S6247 Datasheet
488Kb / 7P
PIN Diode Switches Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com