Electronic Components Datasheet Search
  English  ▼

X  

TL52055D Datasheet(PDF) 4 Page - Texas Instruments

Part # TL52055D
Description  WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL52055D Datasheet(HTML) 4 Page - Texas Instruments

  TL52055D Datasheet HTML 1Page - Texas Instruments TL52055D Datasheet HTML 2Page - Texas Instruments TL52055D Datasheet HTML 3Page - Texas Instruments TL52055D Datasheet HTML 4Page - Texas Instruments TL52055D Datasheet HTML 5Page - Texas Instruments TL52055D Datasheet HTML 6Page - Texas Instruments TL52055D Datasheet HTML 7Page - Texas Instruments TL52055D Datasheet HTML 8Page - Texas Instruments TL52055D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TL52055
WIDEBANDWIDTH, 2INPUT, 1OUTPUT
3CIRCUIT VIDEO SWITCH
SCDS169 − MAY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
equivalent circuit, VCC = 5 V (9 V)†
PIN
NO.
PIN
NAME
INSIDE EQUIVALENT CIRCUIT
VOLTAGE
NOTE
16
1
11
14
8
9
1A
1B
2A
2B
3A
3B
A
B
100
Ω
VCC VBIAS = 2.9 V (5.2 V)‡
20 k
Ω
2.9 V
(5.2 V)†
Input
3
5
6
1Y
2Y
3Y
VCC
Y
1 mA
VCC
2.1
(4.4)†
Output
2
12
7
1C
2C
3C
VCC
20 k
Ω
C
50 k
Ω
Control
13
VCC
15
4
10
GND1
GND2
GND3
† Voltages in parentheses are associated with VCC = 9 V.
‡ VBIAS is an internal voltage source.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com