Electronic Components Datasheet Search
  English  ▼

X  

TLE4476 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4476
Description  Dual Low-Drop Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4476 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4476 Datasheet HTML 2Page - Infineon Technologies AG TLE4476 Datasheet HTML 3Page - Infineon Technologies AG TLE4476 Datasheet HTML 4Page - Infineon Technologies AG TLE4476 Datasheet HTML 5Page - Infineon Technologies AG TLE4476 Datasheet HTML 6Page - Infineon Technologies AG TLE4476 Datasheet HTML 7Page - Infineon Technologies AG TLE4476 Datasheet HTML 8Page - Infineon Technologies AG TLE4476 Datasheet HTML 9Page - Infineon Technologies AG TLE4476 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TLE 4476
Data Sheet Rev. 2.3
6
2002-02-20
Electrical Characteristics
V
I
= 13.5 V;
V
EN > VENH; – 40
°C < T
j < 150
°C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min. typ.
max.
3.3 V Output Q1
Output voltage
V
Q1
3.17
3.3
3.43
V
1 mA <
I
Q1 < 250 mA
Output current limitation
I
Q1
350
–
900
mA
1)
Load regulation
DV
Q1
––
30
mV
1 mA <
I
Q1 <250 mA
Line regulation
DV
Q1
––
20
mV
I
Q1 = 5 mA;
6V < V
I <28V
Power-Supply-Ripple-
Rejection
PSRR
–
60
–
dB
20 Hz <
f
r <20 kHz
2);
V
r = 5 VSS
Output capacitor
C
Q1
10
–
–
mF
–
ESR of output capacitor
R
ESRQ1
––
2
W
at 10 kHz
5.0 V Output Q2
Output voltage
V
Q2
4.8
5.0
5.2
V
1 mA <
I
Q2 < 330 mA
Output current limitation
I
Q2
430
–
900
mA
1)
Drop voltage;
V
DRQ2 = VI – VQ2
V
DRQ2
–
0.3
0.7
V
I
Q2 = 330 mA
1)
Load regulation
DV
Q2
––
50
mV
5 mA <
I
Q2 <330 mA
Line regulation
DV
Q2
––
50
mV
I
Q2 = 5 mA;
6V < V
I <28V
Power-Supply-Ripple-
Rejection
PSRR
–
60
–
dB
20 Hz <
f
r <20 kHz
2);
V
r = 5 VSS
Output capacitor
C
Q2
10
–
–
mF
–
ESR of output capacitor
R
ESRQ2
––
3
W
at 10 kHz
1)
Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.
2)
guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com