Electronic Components Datasheet Search
  English  ▼

X  

SMI36 Datasheet(PDF) 1 Page - CUI INC

Part # SMI36
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI36 Datasheet(HTML) 1 Page - CUI INC

  SMI36 Datasheet HTML 1Page - CUI INC SMI36 Datasheet HTML 2Page - CUI INC SMI36 Datasheet HTML 3Page - CUI INC SMI36 Datasheet HTML 4Page - CUI INC SMI36 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 09/15/2016
page 1 of 5
SERIES: SMI36
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SMI36-5
5
5
25
80
VI
SMI36-9
9
3.34
30
90
VI
SMI36-12
12
3
36
120
VI
SMI36-15
15
2.4
36
150
VI
SMI36-24
24
1.5
36
240
VI
SMI36-48
48
0.75
36
480
VI
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,eachoutputterminatedwith0.1μFmultilayerand47μFlowESRelectrolyticcapacitors.
2. CoC Tier 2 compliant
FEATURES
• up to 36 W continuous power
•DoELevelVI,CoCTier2efficiency
• no load power consumption < 0.075 W
•universalinputvoltagerange
•interchangeableAcbladesforglobaluse
•overvoltage,overcurrent,andshortcircuitprotections
•UL/cUL,RCM,CCC,andPSEsafetyapprovals
PART NUMBER KEY
Base Number
ReservedforCustom
Configurations
SMI36 - XX - X - XXX - CXX
DCPlugType:
XXX=Seeoutputplugoptions
onpage4formoredetails
ST = Stripped and Tinned
OutputVoltage
Blades:
V=NorthAmerica,Europe,UnitedKingdom,
Australia, and China blade included
N = North America blade included
E=Europebladeincluded
B=UnitedKingdombladeincluded
A = Australia blade included
C = China blade included
K=Nobladesincluded
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SMI36

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI36 CUI-SMI36 Datasheet
508Kb / 5P
AC-DC POWER SUPPLY
SMI36 CUI-SMI36 Datasheet
535Kb / 5P
AC-DC POWER SUPPLY
09/16/2021
SMI36-12 CUI-SMI36-12 Datasheet
508Kb / 5P
AC-DC POWER SUPPLY
SMI36-12 CUI-SMI36-12 Datasheet
535Kb / 5P
AC-DC POWER SUPPLY
09/16/2021
SMI36-15 CUI-SMI36-15 Datasheet
508Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - SMI36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com