Electronic Components Datasheet Search
  English  ▼

X  

C9P Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # C9P
Description  ULTRA HF CLOCK OSCILLATOR, LVPECL, 3.3 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

C9P Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  C9P Datasheet HTML 1Page - Raltron Electronics Corporation C9P Datasheet HTML 2Page - Raltron Electronics Corporation C9P Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CLOCK
Page 1 of 3
RAL T RON EL ECT R ONICS CORP.
! 10651 N . W . 19
th St ! Mi ami, Florida 33172 ! U.S.A.
phone: (305) 593-6033
! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
C9P: PLL LVPECL SERIES: ULTRA HF CLOCK OSCILLATOR, LVPECL, +3.3 VDC
DESCRIPTION: A crystal controlled, high frequency, highly stable oscillator, adhering to Low Voltage Differential Signaling
(LVPECL) Standards. The output can be Tri-stated to facilitate testing or combined multiple clocks. The device is contained in
a sub-miniature, very low profile, leadless ceramic SMD package with 6 gold contact pads. This miniature oscillator is ideal for
today's automated assembly environments.
APPLICATIONS AND FEATURES:
"
Infiniband; Fiber Channel; SATA; 10GbE; Network Processors; SOHO Routing; Switches;
"
Common Frequencies: 150 MHz; 156.25 MHz; 155.52 MHz; 161.1328 MHz; 212.5MHz; 312.5MHz
"
+3.3 VDC LVPECL
"
Frequency Range from 750KHz to 800 MHz
"
PLL multiplication (F>25MHz)
"
Miniature Ceramic SMD Package Available on Tape and Reel
" Lead Free and ROHS Compliant
$
$
$
$ ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Operating temperature range
Ta
-40…+85
°C
Storage temperature range
T(stg)
-55…+90
°C
Supply voltage
Vcc
+4.6
VDC
Maximum Input Voltage
Vi
Vss-0.5…Vcc+0.5
VDC
Maximum Output Voltage
Vo
Vss-0.5…Vcc+0.5
VDC
$
$
$
$ ELECTRICAL PARAMETERS:
PARAMETER
SYMBOL
TEST CONDITIONS
*1
VALUE
UNIT
Nominal Frequency
fo
0.75~ 800.00**
MHz
Supply Voltage
Vcc
+3.3
±5%
VDC
Supply Current
Is
100.0 MAX
mA
Output Logic Type
LVPECL
Load
Connected between each output and Vcc – 2.0 VDC
50
Ω
Output Voltage Levels
Voh
Vol
min
max
Vcc-1.025
Vcc-1.620
VDC
VDC
Duty Cycle
DC
Measured at 50% of Vcc
40/60 to 60/40 or 45/55 to 55/45
%
Rise / Fall Time
tr / tf
Measured at 20/80% and 80/20% Vcc Levels
0.7 TYP 1.0 MAX
*2
ns
Fo=155.52MHz
2.6 TYP**
Integrated Phase tji RMS,
Fj = 12 kHz…20 MHz
5
Fo=622.08MHz
2.5 TYP**
ps
Fo=155.52MHz.
4 TYP **
Random period Jitter Rj using
wavecrest analyzer
4
Fo=622.08MHz
6 TYP **
ps
Fo=155.52MHz.
30 TYP**
Jitter
J
Acumm. Peak to Peak Jitter Tp-p
using wavecrest analyzer
*4
Fo=622.08MHz
40 TYP**
ps
Phase Noise
£(
∆f)
typ. @155.52MHz
6
∆f=10 Hz
∆f=100 Hz
∆f=1 KHz
∆f=10 KHz
∆f=100 KHz
∆f=1M Hz
∆f=10M Hz
∆f>20M Hz
-60
-90
-120
-125
-121
-121
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Overall Frequency Stability
∆f/fc
Op. Temp., Aging, Load, Supply and Cal. Variations
±20, ±25, ±50, or ±100 MAX*3
ppm
Enable High Option;
Pin 1
Output Enabled
Output Disabled
En
Dis
High Voltage or No Connect
Ground
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC
Enable Low Option;
Pin 1
Output Disabled
Output Enabled
Dis
En
High Voltage
Ground or No Connect
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC


Similar Description - C9P

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
VS9P RALTRON-VS9P Datasheet
589Kb / 3P
LOW COST UHF/HF VCXO, LVPECL, 3.3 VDC
CS9L RALTRON-CS9L Datasheet
56Kb / 3P
ULTRA HF CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
Crystek Corporation
CCPD-033 CRYSTEKCRYSTAL-CCPD-033 Datasheet
596Kb / 3P
LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
logo
ON Semiconductor
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBA021 ONSEMI-NBXSBA021_09 Datasheet
131Kb / 6P
3.3 V, 266.667 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
Raltron Electronics Cor...
VS9L RALTRON-VS9L Datasheet
573Kb / 3P
ULTRA HF VCXO, LVPECL, 3.3 VDC
VS9M RALTRON-VS9M Datasheet
593Kb / 3P
ANALOG MULTIPLIED LVPECL SERIES: ULTRA HF VCXO, LVPECL, 3.3 VDC
CLDL RALTRON-CLDL Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
CLP RALTRON-CLP Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com