Electronic Components Datasheet Search
  English  ▼

X  

TPPM0111 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0111
Description  DUAL LOW-DROPOUT LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0111 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPPM0111 Datasheet HTML 2Page - Texas Instruments TPPM0111 Datasheet HTML 3Page - Texas Instruments TPPM0111 Datasheet HTML 4Page - Texas Instruments TPPM0111 Datasheet HTML 5Page - Texas Instruments TPPM0111 Datasheet HTML 6Page - Texas Instruments TPPM0111 Datasheet HTML 7Page - Texas Instruments TPPM0111 Datasheet HTML 8Page - Texas Instruments TPPM0111 Datasheet HTML 9Page - Texas Instruments TPPM0111 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TPPM0111
DUAL LOW-DROPOUT LINEAR REGULATOR
SLVS414 – DECEMBER 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
5VCC
1.5VOUT
3.3VOUT
NOTE: The output tracks within 2 V in the power-down sequence.
Figure 4. Power-Down Sequence
Load Step 1 mA to 300 mA
1.5VOUT
NOTE: Load regulation on 1.5VOUT with a load step of 1 mA to 300 mA.
Figure 5. Load Regulation on 1.5VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com