Electronic Components Datasheet Search
  English  ▼

X  

TPPM0111DWPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPPM0111DWPR
Description  DUAL LOW-DROPOUT LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0111DWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPPM0111DWPR Datasheet HTML 2Page - Texas Instruments TPPM0111DWPR Datasheet HTML 3Page - Texas Instruments TPPM0111DWPR Datasheet HTML 4Page - Texas Instruments TPPM0111DWPR Datasheet HTML 5Page - Texas Instruments TPPM0111DWPR Datasheet HTML 6Page - Texas Instruments TPPM0111DWPR Datasheet HTML 7Page - Texas Instruments TPPM0111DWPR Datasheet HTML 8Page - Texas Instruments TPPM0111DWPR Datasheet HTML 9Page - Texas Instruments TPPM0111DWPR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TPPM0111
DUAL LOW-DROPOUT LINEAR REGULATOR
SLVS414 – DECEMBER 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL THERMAL CHARACTERISTICS
To ensure reliable operation of the device, the junction temperature of the output device must be within the safe
operating area (SOA). This is achieved by providing a means to dissipate the heat generated from the junction
of the output structure. There are two components that contribute to thermal resistance. They consist of two
paths in series. The first is the junction-to-case thermal resistance, RθJC; the second is the case-to-ambient
thermal resistance, RθCA. The overall junction-to-ambient thermal resistance, RθJA, is determined by:
RθJA = RθJC + RθCA
The ability to efficiently dissipate the heat from the junction is a function of the package style and board layout
incorporated in the application. The operating junction temperature is determined by the operating ambient
temperature, TA, and the junction power dissipation, PJ.
The junction temperature, TJ, is determined by the following thermal equation:
TJ = TA + PJ (RθJC) + PJ (RθCA)
TJ = TA + PJ (RθJA)
This particular application uses the 20-pin DWP power pad package with a standard lead frame with a dedicated
ground terminal. Using a multilayer printed-circuit board (PCB), the power pad is mounted as recommended
in the TI packaging application. The power pad is electrically connected to the ground plane of the board through
a dedicated ground pin and the die mount power pad. This provides a means for heat spreading through the
copper plane associated within the PCB (ground layer). The thermal resistance from junction to ambient, RθJA,
is dependent of several factors, the implemented method of package attachment to the heat spreading material
and the air flow in the system application.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com