Electronic Components Datasheet Search
  English  ▼

X  

PE9276 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9276
Description  SMA Female to TNC Female 4 Hole Flange Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9276 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9276 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9276 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9276 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector 1
• TNC Female Connector 2
• 50 Ohms
• Straight Body Geometry
• 4 Hole Flange Mount Method
Features
• SMA Interface compliant with MIL-STD-348
• TNC Interface compliant with MIL-STD-348
• Gold Plated Contact
• Contact Plating per MIL-G-45204
Applications
• Allows Connection Between Series
• General Purpose Test
• Rack Mounted Equipment
.
Description
Pasternack’s PE9276 SMA female to TNC female 4 hole flange adapter is part of our full line of RF components available for
same-day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors.
Our SMA to TNC adapter has a female to female gender configuration. This RF SMA to TNC 4 hole flange adapter allows
designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and
panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Mechanical Specifications
Size
Length
1.012 in [25.7 mm]
Width
0.687 in [17.45 mm]
Height
0.687 in [17.45 mm]
Weight
0.027 lbs [12.25 g]
.
Description
Connector 1
Connector 2
Type
SMA Female
TNC Female
Polarity
Standard
Standard
Interface Specification
MIL-STD-348
MIL-STD-348
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to TNC Female 4 Hole Flange Adapter PE9276
PE9276 REV 1.1
SMA Female to TNC Female 4 Hole Flange Adapter
PE9276
RF Adapters Technical Data Sheet


Similar Part No. - PE9276

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9271 PASTERNACK-PE9271 Datasheet
245Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
PE9271 PASTERNACK-PE9271 Datasheet
240Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
PE9272 PASTERNACK-PE9272 Datasheet
78Kb / 1P
75 OHM SMC PLUG TO 75 OHM SMC PLUG
More results

Similar Description - PE9276

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9104 PASTERNACK-PE9104 Datasheet
256Kb / 3P
SMA Female to N Female 4 Hole Flange Adapter
PE9288 PASTERNACK-PE9288 Datasheet
255Kb / 3P
TNC Female to TNC Female 4 Hole Flange Adapter
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
PE9312 PASTERNACK-PE9312 Datasheet
257Kb / 3P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9450 PASTERNACK-PE9450 Datasheet
244Kb / 2P
Precision 4 Hole Flange N Female to TNC Female Adapter
PE9552 PASTERNACK-PE9552 Datasheet
248Kb / 2P
N Female to TNC Female 4 Hole Flange Adapter
PE9450 PASTERNACK-PE9450 Datasheet
244Kb / 2P
Precision 4 Hole Flange N Female to TNC Female Adapter
PE91290 PASTERNACK-PE91290 Datasheet
341Kb / 3P
SMA Female to SMA Female 2 Hole Flange Adapter
PE9670 PASTERNACK-PE9670 Datasheet
375Kb / 4P
SMA Female to SMA Female 4 Hole Flange Adapter
logo
Amphenol SV Microwave
1129-6280 SVMICROWAVE-1129-6280 Datasheet
515Kb / 1P
SMA FEMALE TO SMA FEMALE 2 HOLE FLANGE ADAPTER
05/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com