Electronic Components Datasheet Search
  English  ▼

X  

PE9306 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9306
Description  75 Ohm N Female to N Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9306 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9306 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9306 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9306 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector 1
• N Female Connector 2
• 75 Ohms
• Straight Body Geometry
Features
• Max VSWR of 1.3:1 up to 1,000 MHz
• Gold Plated Brass Contact
Applications
• General Purpose Test
.
Description
Pasternack’s PE9306 75 ohm type N to type N female adapter is part of our full line of RF components available for same-day
shipping. Our type N to type N adapter has a female to female gender configuration. PE9306 type N female to type N female
adapter operates to 1,000 MHz. The Pasternack RF adapter provides good VSWR of 1.3:1 maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.3:1
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
. .
Mechanical Specifications
Size
Length
1.437 in [36.5 mm]
Width
0.669 in [16.99 mm]
Weight
0.103 lbs [46.72 g]
.
Description
Connector 1
Connector 2
Type
N Female
N Female
Polarity
Standard
Standard
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Female to N Female Adapter PE9306
PE9306 REV 1.1
75 Ohm N Female to N Female Adapter
PE9306
RF Adapters Technical Data Sheet


Similar Part No. - PE9306

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9300 PASTERNACK-PE9300 Datasheet
251Kb / 3P
C Male to C Male Adapter
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
PE9301 PEREGRINE-PE9301 Datasheet
228Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Pasternack Enterprises,...
PE9301 PASTERNACK-PE9301 Datasheet
110Kb / 1P
GR874 TO C FEMALE
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results

Similar Description - PE9306

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9349 PASTERNACK-PE9349 Datasheet
238Kb / 2P
50 Ohm N Male to 75 Ohm N Female Adapter
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
50 Ohm N Female to 75 Ohm N Male Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
75 Ohm N Female to BNC Female Adapter
PE9391 PASTERNACK-PE9391 Datasheet
255Kb / 3P
75 Ohm N Male to N Female Adapter
PE9416 PASTERNACK-PE9416 Datasheet
263Kb / 3P
Bulkhead Hermetically Sealed 75 Ohm N Female to N Female Adapter
PE9417 PASTERNACK-PE9417 Datasheet
252Kb / 2P
Isolated Ground 75 Ohm N Female to N Female Bulkhead Adapter
PE9585 PASTERNACK-PE9585 Datasheet
252Kb / 2P
75 Ohm N Female to SMB Plug Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
75 Ohm N Female to TNC Male Adapter
PE9629 PASTERNACK-PE9629 Datasheet
244Kb / 2P
75 Ohm N Female to TNC Female Adapter
PE9740 PASTERNACK-PE9740 Datasheet
245Kb / 3P
Precision 75 Ohm N Female to F Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com