Electronic Components Datasheet Search
  English  ▼

X  

PE9429 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9429
Description  Precision N Female to N Female 4 Hole Flange Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9429 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9429 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9429 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9429 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9429 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
2
4
6
8
10
12
14
16
18
dB
GHz
Return Loss
Precision N Female to N Female 4 Hole Flange Adapter from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision N Female to N Female 4 Hole Flange Adapter PE9429
URL:
https://www.pasternack.com/n-female-n-female-straight-adapter-pe9429-p.aspx
PE9429 REV 1.1
Precision N Female to N Female 4 Hole Flange Adapter
RF Adapters Technical Data Sheet
PE9429



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com